Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1920IN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1920IN8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920IN8 Datasheet(HTML) 1 Page - Linear Technology

  LT1920IN8 Datasheet HTML 1Page - Linear Technology LT1920IN8 Datasheet HTML 2Page - Linear Technology LT1920IN8 Datasheet HTML 3Page - Linear Technology LT1920IN8 Datasheet HTML 4Page - Linear Technology LT1920IN8 Datasheet HTML 5Page - Linear Technology LT1920IN8 Datasheet HTML 6Page - Linear Technology LT1920IN8 Datasheet HTML 7Page - Linear Technology LT1920IN8 Datasheet HTML 8Page - Linear Technology LT1920IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1920
Single Resistor Gain
Programmable, Precision
Instrumentation Amplifier
The LT
®1920 is a low power, precision instrumentation
amplifier that requires only one external resistor to set gains
of 1 to 10,000. The low voltage noise of 7.5nV/
√Hz (at 1kHz)
is not compromised by low power dissipation (0.9mA typical
for
±2.3V to ±15V supplies).
The high accuracy of 30ppm maximum nonlinearity and
0.3% max gain error (G = 10) is not degraded even for load
resistors as low as 2k (previous monolithic instrumentation
amps used 10k for their nonlinearity specifications). The
LT1920 is laser trimmed for very low input offset voltage
(125
µV max), drift (1µV/°C), high CMRR (75dB, G = 1) and
PSRR (80dB, G = 1). Low input bias currents of 2nA max are
achieved with the use of superbeta processing. The output
can handle capacitive loads up to 1000pF in any gain configu-
ration while the inputs are ESD protected up to 13kV (human
body). The LT1920 with two external 5k resistors passes the
IEC 1000-4-2 level 4 specification.
The LT1920, offered in 8-pin PDIP and SO packages, is a pin
for pin and spec for spec improved replacement for the
AD620. The LT1920 is the most cost effective solution for
precision instrumentation amplifier applications. For even
better guaranteed performance, see the LT1167.
s
Single Gain Set Resistor: G = 1 to 10,000
s
Gain Error: G = 10, 0.3% Max
s
Gain Nonlinearity: G = 10, 30ppm Max
s
Input Offset Voltage: G = 10, 225
µV Max
s
Input Offset Voltage Drift: 1
µV/°C Max
s
Input Bias Current: 2nA Max
s
PSRR at G = 1: 80dB Min
s
CMRR at G = 1: 75dB Min
s
Supply Current: 1.3mA Max
s
Wide Supply Range:
±2.3V to ±18V
s
1kHz Voltage Noise: 7.5nV/
√Hz
s
0.1Hz to 10Hz Noise: 0.28
µVP-P
s
Available in 8-Pin PDIP and SO Packages
s
Meets IEC 1000-4-2 Level 4 ESD Tests with
Two External 5k Resistors
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Bridge Amplifiers
s
Strain Gauge Amplifiers
s
Thermocouple Amplifiers
s
Differential to Single-Ended Converters
s
Medical Instrumentation
OUTPUT VOLTAGE (2V/DIV)
G = 1000
RL = 1k
VOUT = ±10V
1167 TA02
Gain Nonlinearity
Single Supply Barometer
+
+
2
1
1
1
1
2
R5
392k
R4
50k
R3
50k
R8
100k
R6
1k
LT1634CCZ-1.25
8
4
1/2
LT1490
3
RSET
VS = 8V TO 30V
5k
5k
5k
5k
VS
5
4
3
2
+
7
1/2
LT1490
5
6
2
8
LUCAS NOVA SENOR
NPC-1220-015-A-3L
7
VS
6
1920 TA01
5
TO
4-DIGIT
DVM
4
R2
12
LT1920
G = 60
R1
825
3
6
R7
50k
VOLTS
2.800
3.000
3.200
INCHES Hg
28.00
30.00
32.00
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1920IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1920IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com