Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1426A Datasheet(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1426A
Description  SAW Filter 2595MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1426A Datasheet(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1426A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1426A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
H. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.
I. STORAGE CONDITIONS :
1) Store in manufacturer’s package or tightly reclosed box with the following conditions.
[Temperature: -10...+40°C, Humidity: 30...85%RH] Examine solderability before using this
component, since more than 6 months storage might be a cause of degradation of
solderability. Notice that long-term storage might be a cause of the discoloration.
2) To keep solderability of outer-electrode, do not store in the following environments.
• Ambient air containing corrosive gas (C12, H2S, NH3, SOX, NOX, etc.)
• Ambient air containing volatile or combustible gas
• In dusty place
• In the places where the water splashes and it tends to condense for high humid
• In direct sunlight
• In the places under the strong influence of static electricity or electric field strength
Contact the manufacturer before using the component in any of the above environments.
3) Do not open minimum packing unit until usage.


Similar Part No. - TA1426A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1426B TAI-SAW-TA1426B Datasheet
167Kb / 8P
   SAW Filter 2595MHz
TA1426C TAI-SAW-TA1426C Datasheet
299Kb / 8P
   SAW Filter 2595MHz
More results

Similar Description - TA1426A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1426B TAI-SAW-TA1426B Datasheet
167Kb / 8P
   SAW Filter 2595MHz
TA1426C TAI-SAW-TA1426C Datasheet
299Kb / 8P
   SAW Filter 2595MHz
TA1962B TAI-SAW-TA1962B Datasheet
444Kb / 9P
   SAW Filter 2595MHz 50MHz BW SMD1.4x1.1mm
TR0035AA0095 TAI-SAW-TR0035AA0095 Datasheet
262Kb / 6P
   Dielectric Filter 2595MHz size15.9x4.4mm
TA1968A TAI-SAW-TA1968A Datasheet
449Kb / 7P
   SAW Rx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)
TA1965A TAI-SAW-TA1965A Datasheet
335Kb / 7P
   SAW Tx Filter 2595MHz LTE Band 38 SMD 1109 (50MHz BW)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com