Electronic Components Datasheet Search |
|
LT1816 Datasheet(PDF) 7 Page - Linear Technology |
|
LT1816 Datasheet(HTML) 7 Page - Linear Technology |
7 / 20 page LT1815/LT1816/LT1817 7 181567fb SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IOUT Maximum Output Current VOUT = 1.5V or 3.5V, 30mV Overdrive TA = 0°C to 70°C TA = –40°C to 85°C l l ±30 ±25 ±20 ±50 mA mA mA Maximum Output Current (Low Power Mode) (Note 10) LT1815S6/LT1816A; 40kΩ Between ISET and V–; VOUT = 1.5V or 3.5V, 30mV Overdrive TA = 0°C to 70°C TA = –40°C to 85°C l l ±30 ±25 ±20 ±50 mA mA mA ISC Output Short-Circuit Current VOUT = 2.5V, 1V Overdrive (Note 3) TA = 0°C to 70°C TA = –40°C to 85°C l l ±80 ±70 ±50 ±140 mA mA mA SR Slew Rate AV = –1 (Note 5) TA = 0°C to 70°C TA = –40°C to 85°C l l 450 375 300 750 V/μs V/μs V/μs FPBW Full-Power Bandwidth 2VP-P (Note 6) 120 MHz GBW Gain-Bandwidth Product f = 200kHz, RL = 500Ω, LT1815 TA = 0°C to 70°C TA = –40°C to 85°C l l 140 130 120 200 MHz MHz MHz f = 200kHz, RL = 500Ω, LT1816/LT1817 TA = 0°C to 70°C TA = –40°C to 85°C l l 130 110 100 200 MHz MHz MHz Gain-Bandwidth Product (Low Power Mode) (Note 10) LT1815S6/LT1816A; 40kΩ Between ISET and V–; f = 200kHz, RL = 500Ω TA = 0°C to 70°C TA = –40°C to 85°C l l 30 25 20 50 MHz MHz MHz –3dB BW –3dB Bandwidth AV = 1, RL = 500Ω 300 MHz tr, tf Rise Time, Fall Time AV = 1, 10% to 90%, 0.1V, RL = 100Ω 1.2 ns tPD Propagation Delay AV = 1, 50% to 50%, 0.1V, RL = 100Ω 1.5 ns OS Overshoot AV = 1, 0.1V; RL = 100Ω 25 % tS Settling Time AV = –1, 0.1%, 2V 15 ns THD Total Harmonic Distortion AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω –65 dB dG Differential Gain AV = 2, VOUT = 2VP-P, RL = 150Ω 0.08 % dP Differential Phase AV = 2, VOUT = 2VP-P, RL = 150Ω 0.13 Deg ROUT Output Resistance AV = 1, f = 1MHz 0.24 Ω IS Supply Current LT1815 TA = 0°C to 70°C TA = –40°C to 85°C l l 6.3 8 10 11 mA mA mA LT1816/LT1817, per Amplifier TA = 0°C to 70°C TA = –40°C to 85°C l l 6.3 9 12 13 mA mA mA Supply Current (Low Power Mode) (Note 10) LT1815S6/LT1816A, 40kΩ Between ISET and V–, per Amplifier TA = 0°C to 70°C TA = –40°C to 85°C l l 0.9 1.5 1.8 2.0 mA mA mA ISET ISET Pin Current (Note 10) LT1815S6/LT1816A TA = 0°C to 70°C TA = –40°C to 85°C l l –150 –175 –200 –100 μA μA μA ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp- erature range, otherwise specifications are at TA = 25°C (Note 8). VS = 5V, OV; VCM = 2.5V, RL to 2.5V, unless otherwise noted. For the programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless otherwise noted. Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: Differential inputs of ±6V are appropriate for transient operation only, such as during slewing. Large sustained differential inputs can cause excessive power dissipation and may damage the part. |
Similar Part No. - LT1816_15 |
|
Similar Description - LT1816_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |