Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4448RW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RW
Description  350mW High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4448RW_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RW_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Typ
Max
Min
Typ
Max
L
2.4
-
2.6
0.094
-
0.102
W
1.1
-
1.3
0.043
-
0.051
T
0.7
-
0.9
0.028
-
0.035
C
-
0.5
-
-
0.020
-
D
-
1.0
-
-
0.039
-
Document Number: DS_S1501011
Version: D15
PACKAGE OUTLINE DIMENSION
1005
DIM.
Unit (mm)
Unit (inch)
ORDER INFORMATION (EXAMPLE)
TS4448 RW
Taiwan Semiconductor
Small Signal Product
TS4448 RWG
Green compound code
Packing code
Part no.


Similar Part No. - TS4448RW_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
   350mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RW_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
   350mW High Speed SMD Switching Diode
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
   350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
   350mW High Speed SMD Switching Diode
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
   High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
   High Speed Switching Diode 350mW
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
   High Speed Switching Diode 350mW
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_11 Datasheet
212Kb / 3P
   High Speed Switching Diode 350mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com