Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1769 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1769
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1769 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1769 Datasheet HTML 8Page - Linear Technology LT1769 Datasheet HTML 9Page - Linear Technology LT1769 Datasheet HTML 10Page - Linear Technology LT1769 Datasheet HTML 11Page - Linear Technology LT1769 Datasheet HTML 12Page - Linear Technology LT1769 Datasheet HTML 13Page - Linear Technology LT1769 Datasheet HTML 14Page - Linear Technology LT1769 Datasheet HTML 15Page - Linear Technology LT1769 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1769
APPLICATIONS INFORMATION
Figure 5. Current Comparator for Initiating Float Time Out
NEGATIVE EDGE
TO TIMER
1769 F04
3.3V OR 5V
ADAPTER
OUTPUT
3
8
7
1
4
2
D1
1N4148
C1
0.1
µF
BAT
SENSE
R1*
1.6k
RS1
0.05
R4
470k
R3
430k
R2
560k
LT1011
D2
1N4148
* TRIP CURRENT =
=
≈ 270mA
R1(VBAT)
(R2 + R3)(RS1)
(1.6k)(8.4V)
(560k + 430k)(0.05
Ω)
+
VBAT
BAT
RS3
200
RS2
200
LT1769
IBAT
R1
2.465 2000
I
R2
2.465 2000
II
LOW
HI
LOW
= ()(
)
= ()(
)
All battery chargers with fast charge rates require some
means to detect full charge in the battery and terminate the
high charge current. NiCd batteries are typically charged at
high current until a temperature rise or battery voltage
decrease is detected as an indication of near full charge.
The charging current is then reduced to a much lower
value and maintained as a constant trickle charge. An
intermediate “top off” current may also be used for a fixed
time period to reduce total charge time.
NiMH batteries are similar in chemistry to NiCd but have
two differences related to charging. First, the inflection
characteristic in battery voltage as full charge is approached
is not nearly as pronounced. This makes it more difficult
to use – dV/dt as an indicator of full charge, and an
increase in battery temperature is more often used with a
temperature sensor in the battery pack. Secondly, con-
stant trickle charge may not be recommended. Instead, a
moderate level of current is used on a pulse basis (
≈ 1%
to 5% duty cycle) with the time-averaged value substitut-
ing for a constant low trickle. Please contact the Linear
Technology Applications department about charge termi-
nation circuits.
If overvoltage protection is needed, R3 and R4 can be cal-
culated according to the procedure described in Lithium-
Ion Charging section. The OVP pin should be grounded if
not used.
When a microprocessor DAC output is used to control
charge current, it must be capable of sinking current at a
compliance up to 2.5V if connected directly to the PROG pin.
Thermal Calculations
If the LT1769 is used for charging currents above 1A, a
thermal calculation should be done to ensure that junction
temperature will not exceed 125
°C. Power dissipation in
the IC is caused by bias and driver current, switch resis-
tance and switch transition losses. The GN package, with
a thermal resistance of 35
°C/W, can provide a full 2A
charging current in many situations. A graph is shown in
the Typical Performance Characteristics section.
For 1A full current, the current sense resistor (RS1) should
be increased to 0.1
Ω so that enough signal (10mV) will be
across RS1 at 0.1A trickle charge to keep charging current
accurate.
For a 2-level charger, R1 and R2 are found from:
Nickel-Cadmium and Nickel-Metal-Hydride Charging
The 2A Lithium-Ion Battery Charger shown in Figure 1 can
be modified to charge NiCd or NiMH batteries. For ex-
ample, if a 2-level charge is needed; 1A when Q1 is on and
100mA when Q1 is off.
Figure 6. 2-Level Charging
R2
5.49k
R1
49.3k
300
PROG
1
µF
Q1
LT1769
1769 F05


Similar Part No. - LT1769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1769 LINER-LT1769 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LT1769 LINER-LT1769 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Linear Integrated Syste...
LT1769 LINEAR-LT1769 Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
LT1769CGN LINEAR-LT1769CGN Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results

Similar Description - LT1769

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Integrated Syste...
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com