Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1684 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1684
Description  Micropower Ring Tone Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1684 Datasheet HTML 6Page - Linear Technology LT1684 Datasheet HTML 7Page - Linear Technology LT1684 Datasheet HTML 8Page - Linear Technology LT1684 Datasheet HTML 9Page - Linear Technology LT1684 Datasheet HTML 10Page - Linear Technology LT1684 Datasheet HTML 11Page - Linear Technology LT1684 Datasheet HTML 12Page - Linear Technology LT1684 Datasheet HTML 13Page - Linear Technology LT1684 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1684
The component selections for the active tracking supply
lowpass MFB filter configuration follow the relations:
C2 = mC1
m
≤ 1 / [4Q2(1+|HO|)]
R2 = 1± [1–4mQ2(1+|HO|)]1/2
2
ωnC1mQ
R1 = R2 / |HO|
R3 =1
ωn2C12R2m
Example:
Conditions: Output ring tone peak voltage = 100V
Ring frequency = 20Hz
Input duty cycle range = 10% to 90%
Filter Q = 0.707
Set:
fn = ωn / 2π = 100Hz
Choose:
C1 = 1.0µF (a convenient value)
Then:
m
[4(0.7)2(1+100)]–1
≈ .005
C2 = mC1
C2 = 4700pF
(sets m = 0.0047)
R2 = 1± [1– 4(0.0047)(0.707)2(101)]1/2
(4
π100)(1e–6)(.0047)(0.707)
R2 = 300k
R1 = 300k/100
R1 = 3.0k
R3 = [(2π100)2(1e–6)2(300k)(0.0047)]–1
R3 = 2k
This filter configuration yields a DC Gain of 100, a corner
frequency of just under 100Hz with gain reduction of only
0.1% at 20Hz, and a 10kHz carrier rejection of greater than
40dB at the output.
Active Tracking Supply Components
Given the previous discussion, implementation of an
active tracking supply system may seem almost trivial.
Active Tracking Supply Lowpass Multiple
Feedback Filter Transfer Characteristic (AV vs fn)
However, bootstrapping an amplifier system about its
own output creates a complex myriad of inherent stability
and response issues. Attempting such a configuration
with generic “jelly-bean” components is not recommended
for the faint of heart or type-A personalities. The LT1684,
however, makes for a simplistic approach to active track-
ing component selection.
The high voltage MOSFET transistors used in the circuit
must have an operating VDS specified at greater than the
corresponding high voltage supply rail plus the opposite
maximum excursion of the output signal. For example, if
a system is designed with a 240V supply (+ 120V,
–120V) and outputs a ring signal that has a 100V peak
amplitude, the MOSFET VDS ratings must be greater than
240/2 + 100 = 220V.
Active Filter Tuned Oscillator—
No PWM Input Required
A simple yet effective method of producing a high quality
sine wave is to place a high-Q bandpass filter and a hard
limited gain element in a positive feedback loop. This
circuit will oscillate at the bandpass frequency, producing
a sine wave at the filter output. The product of the funda-
mental component of the limiter and the filter gain at the
bandpass frequency determines the output amplitude.
This type of circuit is commonly referred to as an active
filter tuned oscillator.
HERTZ (Hz)
1
10
100
1K
10K
100K
1684 F02
–50
0
50
APPLICATIO S I FOR ATIO


Similar Part No. - LT1684

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1684 LINER-LT1684 Datasheet
236Kb / 16P
   Micropower Ring Tone Generator
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
   Micropower Ring Tone Generator
More results

Similar Description - LT1684

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
   Micropower Ring Tone Generator
logo
Exar Corporation
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
   Micropower Tone Decoder
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
   Triple Tone Generator
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
logo
Holtek Semiconductor In...
HT2830 HOLTEK-HT2830 Datasheet
989Kb / 15P
   Up/Down Tone Generator
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
   Triple Tone Medoly Generator
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
   DUAL TONE MULTIFREQUENCY GENERATOR
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com