Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4413-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4413-2
Description  Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4413-2_15 Datasheet HTML 7Page - Linear Technology LTC4413-2_15 Datasheet HTML 8Page - Linear Technology LTC4413-2_15 Datasheet HTML 9Page - Linear Technology LTC4413-2_15 Datasheet HTML 10Page - Linear Technology LTC4413-2_15 Datasheet HTML 11Page - Linear Technology LTC4413-2_15 Datasheet HTML 12Page - Linear Technology LTC4413-2_15 Datasheet HTML 13Page - Linear Technology LTC4413-2_15 Datasheet HTML 14Page - Linear Technology LTC4413-2_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4413-1/LTC4413-2
11
441312fd
APPLICATIONS INFORMATION
Introduction
The LTC4413-1/LTC4413-2 are intended for power control
applications that include low loss diode OR’ing, fully auto-
matic switchover from a primary to an auxiliary source of
power, microcontroller controlled switchover from a pri-
mary to an auxiliary source of power, load sharing between
two or more batteries, charging of multiple batteries from
a single charger and high side power switching.
Dual Battery Load Sharing with Automatic Switchover
to a Wall Adapter with Overvoltage Protection
(LTC4413-2 Only)
An application circuit for dual battery load sharing with
automatic switchover of load from batteries to a wall
adapter is shown in Figure 2. When the wall adapter is not
present, whichever battery has the higher voltage provides
the load current until it has discharged to the voltage of the
other battery. The load is shared between the two batter-
ies according to the capacity of each battery. The higher
capacity battery provides proportionally higher current to
the load. When a wall adapter input is applied, the output
voltage rises as the body diode in MP2 conducts. When
the output voltage is larger than the battery voltages, the
LTC4413 turns off and very little load current is drawn
from the batteries. At this time, the STAT pin pulls down
the gate voltage of MP2, causing it to conduct. This status
signal can be used to provide information as to whether
the wall adapter (or BATB) is supplying the load current.
If the wall adapter voltage exceeds the OVI trip threshold
(VOVIH) then the wall adapter is disconnected via the
external PFET, MP1. The OVI voltage can be monitored
(through a voltage divider if necessary) to determine if
an overvoltage condition is present.
Capacitor C2 is required to dynamically pull up on the
gate of PFET MP1 if a fast edge occurs at the wall adapter
input during a hot plug. In the event that capacitor C2 (or
the gate-to-source of MP1) is precharged below the OVI
rising threshold. When a high voltage spike occurs, the
OVP output cannot guarantee turning off MP1 before the
load voltage exceeds the absolute maximum voltage for
the LTC4413-2. This may occur in the event that the wall
adapter suddenly steps from 5.5V to a much higher value.
In this case, a Zener diode is recommended to keep the
output voltage to a safe level.
Automatic PowerPath Control
Figure 3 illustrates an application circuit for microcon-
troller monitoring and control of two power sources. The
microcontroller’s analog inputs (perhaps with the aid of
a resistor voltage divider) monitor each supply input and
the LTC4413-1 status, and then commands the LTC4413-1
through the two ENBA/ENBB control inputs.
INA
IDEAL
MP1
IRLML6402
MP2
IRLML6402
LTC4413-2
INB
IDEAL
BATB
ENBA
C1: C1206C106K8PAC
C2: C0403C103K8PAC
COUT: C1206C475K8PAC
GND
ENBB
OUTA
1
3
4
5
2
10
8
7
6
9
OUTB
STAT
COUT
4.7μF
C2
10nF
OPTIONAL
6.2V
DFLZ6V2-7
441312 F02
STAT
RSTAT
470k
OVP
TO LOAD
OVI
OVP
+
BATA
10nF
C1
0.10μF
WALL
ADAPTER
INPUT
JACK
R1
+
INA
IDEAL
LTC4413-1
INB
IDEAL
ENBA
GND
ENBB
OUTA
OUTB
STAT
STAT
441312 F03
LOAD
1
2
3
4
5
10
9
6
CA
10μF
PRIMARY
POWER
SOURCE
AUXILIARY
POWER
SOURCE
RA
RSTAT
470k
CB
10μF
C1
4.7μF
RB
MICROCONTROLLER
Figure 2
Figure 3


Similar Part No. - LTC4413-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1_15 Datasheet
190Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
More results

Similar Description - LTC4413-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413-1 LINER-LTC4413-1_15 Datasheet
190Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
   2.5V to 5.5V Input Range
logo
Linear Technology
LTC4411 LINER-LTC4411_15 Datasheet
157Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com