Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4413-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4413-1
Description  Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4413-1_15 Datasheet HTML 1Page - Linear Technology LTC4413-1_15 Datasheet HTML 2Page - Linear Technology LTC4413-1_15 Datasheet HTML 3Page - Linear Technology LTC4413-1_15 Datasheet HTML 4Page - Linear Technology LTC4413-1_15 Datasheet HTML 5Page - Linear Technology LTC4413-1_15 Datasheet HTML 6Page - Linear Technology LTC4413-1_15 Datasheet HTML 7Page - Linear Technology LTC4413-1_15 Datasheet HTML 8Page - Linear Technology LTC4413-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4413-1/LTC4413-2
4
441312fd
TYPICAL PERFORMANCE CHARACTERISTICS
IQF vs ILOAD (Log)
IQF vs ILOAD (Linear)
IQF vs Temperature
IOC vs Temperature
UVLO Thresholds vs Temperature
UVLO Hysteresis vs Temperature
ENB Thresholds vs Temperature
ENB Hysteresis vs Temperature
LOAD (mA)
40
80
120
20
60
100
1
100
1000
10000
441312 G01
0
10
120°C
–40°C
80°C
40°C
0°C
LOAD (mA)
0
0
20
40
60
80
120
500
1000
1500
2000
441312 G02
2500
3000
100
120°C
80°C
40°C
–40°C
0°C
TEMPERATURE (°C)
–40
0
20
40
60
80
1A
500mA
100mA
1mA
100
120
0
40
80
120
441312 G03
VIN (V)
2
50
60
70
6
441312 G04
40
30
0
3
4
5
2.5
3.5
4.5
5.5
20
10
90
80
IQF = 1A
IQF = 100mA
IQF vs VIN
TEMPERATURE (°C)
–40
2000
2500
3500
80
441312 G05
1500
1000
0
40
120
500
0
3000
TEMPERATURE (°C)
–40
2.05
2.10
2.20
80
441312 G06
2.00
1.95
0
40
120
1.90
1.85
2.15
RISING
FALLING
TEMPERATURE (°C)
–40
150
200
250
20
60
120
441312 G07
100
50
0
–20
0
40
80
100
TEMPERATURE (°C)
–40
0
100
200
300
400
500
ENBIH
ENBIL
600
0
40
80
120
441312 G08
TEMPERATURE (°C)
–40
0
20
40
60
80
040
80
120
441312 G09
100
120
–20
20
60
100


Similar Part No. - LTC4413-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
More results

Similar Description - LTC4413-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
   Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
   2.5V to 5.5V Input Range
logo
Linear Technology
LTC4411 LINER-LTC4411_15 Datasheet
157Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
   2.6A Low Loss Ideal Diode in ThinSOT
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com