Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4316 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4316
Description  Single I2C/SMBus Address Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4316 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4316_15 Datasheet HTML 3Page - Linear Technology LTC4316_15 Datasheet HTML 4Page - Linear Technology LTC4316_15 Datasheet HTML 5Page - Linear Technology LTC4316_15 Datasheet HTML 6Page - Linear Technology LTC4316_15 Datasheet HTML 7Page - Linear Technology LTC4316_15 Datasheet HTML 8Page - Linear Technology LTC4316_15 Datasheet HTML 9Page - Linear Technology LTC4316_15 Datasheet HTML 10Page - Linear Technology LTC4316_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC4316
7
4316f
For more information www.linear.com/LTC4316
operaTion
SDAOUT pin. Once all 7 bits of the address are processed,
the LTC4316 turns on N2 again to reconnect SDAIN to
SDAOUT. The master then transmits the R/W bit directly
to the slave. If the new, translated address on SDAOUT
matches the slave’s address, the slave pulls SDAOUT low
to acknowledge (ACK bit). N2 remains on and the rest of
the data bytes are transmitted unmodified between the
masterandslave.Theaddresstranslationprocessrestarts
when the master issues a new START bit.
Figure 2 shows typical waveforms for the circuit on the
front page. In this example, the master transmits address
0x34 while the slave is configured to respond to address
0x36.TheresistivedividersattheXORLandXORHpinsare
configuredtogenerateanaddresstranslationbyteof0x02.
Note that in this example, the 8-bit hexadecimal address
format (with R/W=0) is used. 7-bit addresses are also
commonly found in I2C device documentation. Make sure
to use the correct format when calculating the address
translation byte. Table 1 shows examples of both formats.
Figure 1. Basic Functions of the LTC4316
4316 F01
VCC1
MASTER
SCLOUT
SDAOUT
SCLIN
SDAIN
VCC2
SLAVE
#1
LTC4316
SLAVE
#2
7-BIT ADDRESS TRANSLATION
BYTE SHIFT REGISTER
0000010
ENABLE
ADDRESS
TRANSLATION
N3
1.8V
CMP2
+
XOR
N1
N2
Figure 1 shows an I2C master connected to the input bus
of the LTC4316 (SCLIN and SDAIN). The slave devices
requiring address translation are connected to the output
bus of the LTC4316 (SCLOUT and SDAOUT). Any other
slave devices that do not require address translation are
placed together with the master on the input bus of the
LTC4316. Two switches (N1 and N2) inside the LTC4316
connect the input bus to the output bus. N1 connects
SCLIN to SCLOUT while N2 connects SDAIN to SDAOUT.
In most conditions, N1 and N2 stay on so that the input
and output buses are connected.
Translation starts when the master issues a START bit
(SDAIN goes low while SCLIN is high). The LTC4316
turns off N2 to disconnect SDAIN from SDAOUT. As the
master sends the address byte, the LTC4316 translates
the incoming address at the SDAIN pin to a new address
at the SDAOUT pin by XORing each incoming bit with
a user-configurable translation byte, one bit at a time.
N3 turns on and off to send out the new address to the
Figure 2. Basic Address Translation Waveforms
TRANSLATION
BYTE
SDAOUT
SCLIN
SDAIN
ADDRESS BITS
START
a6
a5
a4
a3
a2
a1
a0
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
1
1
0
1
1
0
= 0x34
= 0x02
= 0x36
4316 F02
N2 GATE N2 ON
N2 ON
N2 OFF
R/W
BIT
ACK
BIT


Similar Part No. - LTC4316_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
logo
Analog Devices
LTC4316 AD-LTC4316 Datasheet
348Kb / 7P
   Circuit Note
Rev. 0
LTC4316 AD-LTC4316 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTC4316_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com