Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1638IN8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1638IN8
Description  1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638IN8 Datasheet(HTML) 3 Page - Linear Technology

  LT1638IN8 Datasheet HTML 1Page - Linear Technology LT1638IN8 Datasheet HTML 2Page - Linear Technology LT1638IN8 Datasheet HTML 3Page - Linear Technology LT1638IN8 Datasheet HTML 4Page - Linear Technology LT1638IN8 Datasheet HTML 5Page - Linear Technology LT1638IN8 Datasheet HTML 6Page - Linear Technology LT1638IN8 Datasheet HTML 7Page - Linear Technology LT1638IN8 Datasheet HTML 8Page - Linear Technology LT1638IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1638/LT1639
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
q
20
50
nA
VCM = 44V (Note 4)
q
830
µA
VS = 0V
0.1
nA
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
RIN
Input Resistance
Differential
1
2.5
M
Common Mode, VCM = 0V to 44V
1.4
5.5
M
CIN
Input Capacitance
5pF
Input Voltage Range
q
044
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
q
88
98
dB
VCM = 0V to 44V (Note 8)
q
80
88
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
0
°C ≤ TA ≤ 70°C
q
133
V/mV
–40
°C ≤ TA ≤ 85°C
q
100
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
0
°C ≤ TA ≤ 70°C
q
250
V/mV
–40
°C ≤ TA ≤ 85°C
q
200
V/mV
VOL
Output Voltage Swing Low
VS = 3V, No Load
q
38
mV
VS = 3V, ISINK = 5mA
q
250
450
mV
VS = 5V, No Load
q
38
mV
VS = 5V, ISINK = 10mA
q
500
700
mV
VOH
Output Voltage Swing High
VS = 3V, No Load
q
2.94
2.98
V
VS = 3V, ISOURCE = 5mA
q
2.25
2.40
V
VS = 5V, No Load
q
4.94
4.98
V
VS = 5V, ISOURCE = 10mA
q
3.8
4.0
V
ISC
Short-Circuit Current (Note 2)
VS = 3V, Short to GND
10
15
mA
VS = 3V, Short to VCC
15
25
mA
VS = 5V, Short to GND
15
20
mA
VS = 5V, Short to VCC
15
25
mA
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
q
90
100
dB
Reverse Supply Voltage
IS = – 100µA per Amplifier
q
18
27
V
Minimum Operating Supply Voltage
q
2.4
2.7
V
IS
Supply Current per Amplifier
170
230
µA
(Note 5)
q
275
µA
GBW
Gain Bandwidth Product
f = 1kHz
650
1075
kHz
(Note 4)
0
°C ≤ TA ≤ 70°C
q
550
kHz
–40
°C ≤ TA ≤ 85°C
q
500
kHz
SR
Slew Rate
AV = – 1, RL = ∞
0.210
0.38
V/
µs
(Note 6)
0
°C ≤ TA ≤ 70°C
q
0.185
V/
µs
–40
°C ≤ TA ≤ 85°C
q
0.170
V/
µs
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, TA = 25°C, unless otherwise noted. (Note 3)


Similar Part No. - LT1638IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1638IN8 LINER-LT1638IN8 Datasheet
245Kb / 16P
   1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1638IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1638 LINER-LT1638_1 Datasheet
245Kb / 16P
   1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637 Datasheet
254Kb / 12P
   1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1637 LINER-LT1637_1 Datasheet
356Kb / 16P
   1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com