Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SE20DJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SE20DJ
Description  Surface Mount ESD Capability Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE20DJ Datasheet(HTML) 1 Page - Vishay Siliconix

  SE20DJ Datasheet HTML 1Page - Vishay Siliconix SE20DJ Datasheet HTML 2Page - Vishay Siliconix SE20DJ Datasheet HTML 3Page - Vishay Siliconix SE20DJ Datasheet HTML 4Page - Vishay Siliconix SE20DJ Datasheet HTML 5Page - Vishay Siliconix SE20DJ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SE20DB, SE20DD, SE20DG, SE20DJ
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jun-14
1
Document Number: 87794
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount ESD Capability Rectifiers
FEATURES
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Oxide planar chip junction
• Low forward voltage drop
• ESD capability
• AEC-Q101 qualified
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose, power line polarity protection, in both
consumer and automotive applications.
MECHANICAL DATA
Case: TO-263AC (SMPD)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Notes
(1) With heatsink
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
100 V, 200 V, 400 V, 600 V
IFSM
150 A
VF at IF = 20 A (TA = 125 °C)
1.03 V
IR
25 μA
TJ max.
175 °C
Package
TO-263AC (SMPD)
Diode variations
Single
SE20DX
Top View
Bottom View
PIN 1
K
HEATSINK
PIN 2
eSMP
® Series
TO-263AC (SMPD)
K
1
2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SE20DB
SE20DD
SE20DG
SE20DJ
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
V
Maximum DC forward current
IF (1)
20
A
IF (2)
3.9
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn