Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 5 Page - Linear Technology

  LTC4257_15 Datasheet HTML 1Page - Linear Technology LTC4257_15 Datasheet HTML 2Page - Linear Technology LTC4257_15 Datasheet HTML 3Page - Linear Technology LTC4257_15 Datasheet HTML 4Page - Linear Technology LTC4257_15 Datasheet HTML 5Page - Linear Technology LTC4257_15 Datasheet HTML 6Page - Linear Technology LTC4257_15 Datasheet HTML 7Page - Linear Technology LTC4257_15 Datasheet HTML 8Page - Linear Technology LTC4257_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4257
5
4257fb
NC (Pin 1): No Connect.
RCLASS (Pin 2): External Class Select Input. Used to set the
current the LTC4257 maintains during classification. Con-
nect a resistor between RCLASS and VIN (see Table 2).
NC (Pin 3): No Connect.
VIN (Pin 4): Power Input. Tie to system – 48V through the
input diode bridge.
VOUT (Pin 5): Power Output. Supplies –48V to the PD load
through an internal power MOSFET that limits input cur-
rent. VOUT is high impedance until the input voltage rises
above the turn-on UVLO threshold. Above the UVLO
threshold the output is current limited to 350mA.
PWRGD (Pin 6): Power Good Output, Open-Drain. Signals
that the LTC4257 MOSFET is fully on. Low impedance
indicates power is good. PWRGD is high impedance
during detection, classification and in the event of a
thermal overload. PWRGD is referenced to VIN.
NC (Pin 7): No Connect
GND (Pin 8): Ground. Tie to system ground and to power
return through the input diode bridge.
PI FU CTIO S
BLOCK DIAGRA
4257 BD
VIN
BOLD LINE INDICATES HIGH CURRENT PATH
VOUT
+
8
5
4
NC 3
RCLASS 2
NC
PWRGD
GND
7
NC
1
6
CONTROL
CIRCUITS
INPUT
CURRENT
LIMIT
350mA
POWER GOOD
CLASSIFICATION
CURRENT SOURCE
1.237V
EN
0.3
+
EN
25k SIGNATURE
RESISTOR


Similar Part No. - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4257-1 LINER-LTC4257-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com