Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4257_15 Datasheet HTML 7Page - Linear Technology LTC4257_15 Datasheet HTML 8Page - Linear Technology LTC4257_15 Datasheet HTML 9Page - Linear Technology LTC4257_15 Datasheet HTML 10Page - Linear Technology LTC4257_15 Datasheet HTML 11Page - Linear Technology LTC4257_15 Datasheet HTML 12Page - Linear Technology LTC4257_15 Datasheet HTML 13Page - Linear Technology LTC4257_15 Datasheet HTML 14Page - Linear Technology LTC4257_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4257
11
4257fb
Thermal Protection
The LTC4257 includes smart thermal protection in order
to provide full device functionality in a miniature package
while maintaining safe operating temperatures. Several
factors create the possibility for tremendous power
dissipation within the LTC4257. IEEE 802.3af mandates
that inrush current be limited to less than 400mA while
standard telecom power can be as high as 57V. At turn on,
before the load capacitor has charged up, the instanta-
neous power dissipated by the LTC4257 can be over 20W.
As the load capacitor charges up, the power dissipation in
the LTC4257 will decrease until it reaches a steady-state
value dependent on the DC load current. The size of the
load capacitor determines how fast the power dissipation
in the LTC4257 subsides. At room temperature, the
LTC4257 can handle load capacitors as large as 800
µF
without going into thermal shutdown. With a large load
capacitor like this, the LTC4257 die temperature will
increase by about 50
°C during a single turn-on sequence.
If for some reason power were removed from the part and
then quickly reapplied so that the LTC4257 had to charge
up the load capacitor again, the temperature rise would be
excessive if safety precautions were not implemented.
The LTC4257 protects itself from thermal damage by
monitoring the die temperature. If the die temperature
exceeds the overtemperature trip point, the part switches
to a half-power mode where the current limit is set to 50%
of its normal level. This reduces power dissipation and
helps prevent further heating. If the part continues to heat
up and reaches the shutdown temperature, the current is
reduced to zero and very little power is dissipated in the
part until it cools below the overtemperature set point. The
LTC4257 current limit will continue switching between
0%, 50% and 100% current levels (Figure 7) until the load
capacitor is fully charged.
If the PD is designed to operate at a high ambient tempera-
ture and with the maximum allowable supply (57V), there
will be a limit to the size load capacitor that can be charged
up before the LTC4257 reaches the overtemperature trip
point. Hitting the overtemperature trip point intermittently
does not harm the LTC4257, but it will delay completion of
capacitor charging. Capacitors up to 200
µFcanbecharged
without a problem.
During classification, excessive heating of the LTC4257
can occur if the PSE violates the 75ms probing time limit.
To protect the LTC4257, the thermal protection circuitry
will disable classification current if the die temperature
exceeds the overtemperature trip point. When the die
cools down below the trip point, classification current is
re-enabled.
Once the LTC4257 has charged up to the load capacitor
and the PD is powered and running, there will be some
residual heating due to the DC load current of the PD
flowing through the internal MOSFET. In some applica-
tions, the LTC4257 power dissipation may be significant
and if dissipated in the S8 package, excessive package
heating could occur. This problem can be solved with the
use of the DD package which has superior thermal perfor-
mance. The DD package includes an exposed pad that
should be soldered to an isolated heatsink on the printed
circuit board.
Figure 7. Smart Thermal Protection State Diagram
APPLICATIO S I FOR ATIO
4257 F07
T < 120
°C
T < 120
°C
T > 120
°C
T > 140
°C
100%
CURRENT
UVLO
TURN ON
50%
CURRENT
0%
CURRENT


Similar Part No. - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4257-1 LINER-LTC4257-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com