Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4257_15 Datasheet HTML 5Page - Linear Technology LTC4257_15 Datasheet HTML 6Page - Linear Technology LTC4257_15 Datasheet HTML 7Page - Linear Technology LTC4257_15 Datasheet HTML 8Page - Linear Technology LTC4257_15 Datasheet HTML 9Page - Linear Technology LTC4257_15 Datasheet HTML 10Page - Linear Technology LTC4257_15 Datasheet HTML 11Page - Linear Technology LTC4257_15 Datasheet HTML 12Page - Linear Technology LTC4257_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4257
9
4257fb
probing exceeds 75ms, the LTC4257 may overheat. In this
situation, the thermal protection circuit will engage and
disable the classification current source in order to protect
the part. The LTC4257 stays in classification mode until
the input voltage rises above the UVLO turn-on voltage.
Undervoltage Lockout
IEEE 802.3af dictates a maximum turn-on voltage of 42V
and a minimum turn-off voltage of 30V for the PD. In
addition, the PD must maintain large on-off hysteresis to
prevent resistive losses in the wiring between the PSE and
the PD from causing start-up oscillation. The LTC4257
incorporates an undervoltage lockout (UVLO) circuit that
monitors line voltage to determine when to apply power
to the PD load (Figure 5). Before power is applied to the
load, the VOUT pin is high impedance and at ground
potential since there is no charge on capacitor C1. When
the input voltage rises above the UVLO turn-on threshold,
the LTC4257 removes the classification load current and
turns on the internal power MOSFET. C1 charges up under
LTC4257 current limit control and the VOUT pin transitions
from 0V to VIN. This sequence is shown in Figure 1. The
LTC4257 includes a hysteretic UVLO circuit that keeps
power applied to the load until the input voltage falls
below the UVLO turn-off threshold. Once the input voltage
drops below –30V, the internal power MOSFET is turned
off and the classification load current is re-enabled.
C1 will discharge through the PD circuitry and the VOUT
pin will go to a high impedance state.
Input Current Limit
IEEE 802.3af specifies a maximum inrush current and also
specifies a minimum load capacitor between the GND and
VOUT pins. To control turn-on surge current in the system,
the LTC4257 integrates a current limit circuit with the
onboard power MOSFET and sense resistor to provide a
complete inrush control circuit without additional external
components. The LTC4257 limits input current to less
than the 400mA maximum specified by 802.3af, allowing
the load capacitor to ramp up to the line voltage in a
controlled manner. During this ramp up, a large amount of
power is dissipated in the power MOSFET. The LTC4257
Figure 5. LTC4257 Undervoltage Lockout
APPLICATIO S I FOR ATIO
GND
C1
5
µF
MIN
VIN
8
4
VOUT 5
LTC4257
4257 F05
TO
PSE
UNDERVOLTAGE
LOCKOUT
CIRCUIT
PD
LOAD
CURRENT-LIMITED
TURN ON
+
INPUT
LTC4257
VOLTAGE
POWER MOSFET
0V TO UVLO*
OFF
>UVLO*
ON
*UVLO INCLUDES HYSTERESIS
RISING INPUT THRESHOLD
≅ –39.2V
FALLING INPUT THRESHOLD
≅ –30.5V


Similar Part No. - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4257-1 LINER-LTC4257-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com