Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1671 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 3 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1671
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
V+ = 5V, V= – 5V, VOUT(Q) = 1.4V, VLATCH = VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Voltage Swing High
V +
≥ 4.6V, IOUT = 400µA
q
2.7
3.1
V
V +
≥ 4.6V, IOUT = 4mA
q
2.4
3.0
V
VOL
Output Voltage Swing Low
IOUT = – 400µA
q
0.3
0.5
V
IOUT = – 4mA
0.4
V
I+
Positive Supply Current
450
800
µA
q
1000
µA
I
Negative Supply Current
75
200
µA
q
250
µA
VIH
LATCH Pin High Input Voltage
q
2V
VIL
LATCH Pin Low Input Voltage
q
0.8
V
IIL
LATCH Pin Current
VLATCH = 0V
q
– 1000
– 250
nA
tPD1
Propagation Delay
∆VIN = 100mV, VOD = 20mV
60
80
ns
q
110
ns
tPD2
Propagation Delay (Note 7)
∆VIN = 100mV, VOD = 5mV
85
100
ns
q
130
ns
∆tPD
Differential Propagation Delay (Note 7)
∆VIN = 100mV, VOD = 5mV
15
30
ns
tLPD
Latch Propagation Delay (Note 8)
60
ns
tSU
Latch Setup Time (Note 8)
–15
ns
tH
Latch Hold Time (Note 8)
35
ns
tPW(D)
Minimum Disable Pulse Width
30
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.
Note 3: The LT1671CS8 and LT1671CMS8 are guaranteed to meet
specified performance from 0
°C to 70°C and are designed, characterized
and expected to meet these extended temperature limits, but are not tested
at – 40
°C and 85°C. The LT1671IS8 is guaranteed to meet the extended
temperature limits.
Note 4: Input offset voltage (VOS) is defined as the average of the two
voltages measured by forcing first one output, then the other to 1.4V.
Note 5: Input bias current (IB) is defined as the average of the two input
currents.
Note 6: Input voltage range is guaranteed in part by CMRR testing and in
part by design and characterization.
Note 7: tPD and ∆tPD cannot be measured in automatic handling
equipment with low values of overdrive. The LT1671 is 100% tested with a
100mV step and 20mV overdrive. Correlation tests have shown that tPD
and
∆tPD limits can be guaranteed with this test, if additional DC tests are
performed to guarantee that all internal bias conditions are correct.
Propagation delay (tPD) is measured with the overdrive added to the actual
VOS. Differential propagation delay is defined as:
∆tPD = tPDLH – tPDHL
Note 8: Latch propagation delay (tLPD) is the delay time for the output to
respond when the LATCH pin is deasserted. Latch setup time (tSU) is the
interval in which the input signal must remain stable prior to asserting the
latch signal. Latch hold time (tH) is the interval after the latch is asserted in
which the input signal must remain stable.


Similar Part No. - LT1671

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671 LINER-LT1671 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
LT1671 LINER-LT1671 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1671 LINER-LT1671 Datasheet
214Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
More results

Similar Description - LT1671

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116_15 Datasheet
152Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
   SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com