Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4062 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4062
Description  Standalone Linear Li-Ion Battery Charger with Micropower Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4062 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4062_15 Datasheet HTML 2Page - Linear Technology LTC4062_15 Datasheet HTML 3Page - Linear Technology LTC4062_15 Datasheet HTML 4Page - Linear Technology LTC4062_15 Datasheet HTML 5Page - Linear Technology LTC4062_15 Datasheet HTML 6Page - Linear Technology LTC4062_15 Datasheet HTML 7Page - Linear Technology LTC4062_15 Datasheet HTML 8Page - Linear Technology LTC4062_15 Datasheet HTML 9Page - Linear Technology LTC4062_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4062
6
4062fb
EN Pin Threshold Voltage
(On-to-Off) vs Temperature
Shutdown Supply Current vs
Temperature and VCC
C/5 Pin Threshold Voltage
(High-to-Low) vs Temperature
CHRG Pin Output Low Voltage vs
Temperature
OUT Pin Output Low Voltage vs
Temperature
CHRG Pin I-V Curve
OUT Pin I-V Curve
4062 G22
4062 G25
4062 G26
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
900
850
800
750
700
650
600
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
VCC = 5V
VCC = 5V
IOUT = 5mA
VCC = 5V
ICHRG = 5mA
TEMPERATURE (
°C)
–50
900
850
800
750
700
650
600
–25
025
50
4062 G21
75
100
TEMPERATURE (
°C)
–50
70
60
50
40
30
20
10
–25
025
50
4062 G23
75
100
VCC = 5V
EN = VCC
VCC = 4.3V
VCC = 8V
VCC = 5V
4062 G24
VOUT (V)
04
1
2
3
160
140
120
100
80
60
40
20
0
VCC = 5V
VBAT = 4V
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
0
160
140
120
100
80
60
40
20
0
1
23
4
4062 G27
VCC = 5V
VBAT = 4V
TA = 25°C
TA = –40°C
TA = 90°C
IN+
≥ 1.05V
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted.


Similar Part No. - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062EDD LINER-LTC4062EDD Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
More results

Similar Description - LTC4062_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com