Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061-4.4 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4061-4.4
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061-4.4 Datasheet(HTML) 5 Page - Linear Technology

  LTC4061-4.4_15 Datasheet HTML 1Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 2Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 3Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 4Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 5Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 6Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 7Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 8Page - Linear Technology LTC4061-4.4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4061-4.4
5
406144fb
TEMPERATURE (
°C)
–50 –25
0
400
1000
0
50
75
40614.4 G13
40614.4 G14
200
800
600
25
100 125
RPROG = 1.25k
ONSET OF THERMAL
REGULATION
RPROG = 2k
VCC (V)
4.0
8.0
5.0
6.0
7.0
104
102
100
98
96
4.5
5.5
6.5
7.5
TEMPERATURE (
°C)
–50
4.36
4.34
4.32
4.30
4.28
4.26
4.24
–25
0
25
50
40614.4 G15
75
100
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
–25
0
25
50
40614.4 G16
75
100
VCC = 4V
IBAT = 200mA
TEMPERATURE (
°C)
–50
1.7
1.6
1.5
1.4
1.3
1.2
–25
0
25
50
40614.4 G12
75
100
CTIMER = 0.1µF
VCC = 8V
VCC = 4.5V
VCC = 8V
VCC = 4.5V
VCC = 5V
VBAT = 4V
C/5 = 5V
RPROG = 10k
40614.4 G11
VCC (V)
4.0
8.0
5.0
6.0
7.0
1.60
1.55
1.50
1.45
1.40
1.35
1.30
4.5
5.5
6.5
7.5
CTIMER = 0.1µF
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
195
190
185
180
175
170
165
40614.4 G10
CTIMER = 0.1µF
VCC = 4.5V
VCC = 8V
40614.4 G17
40614.4 G18
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
3.900
3.875
3.850
3.825
3.800
3.775
3.750
3.725
3.700
VBAT (V)
0
3.0
900
800
700
600
500
400
300
200
100
0
0.5
4.5
1.0 1.5 2.0 2.5
3.5 4.0
NTC Fault Pulsing Frequency
vs VCC
NTC Fault Pulsing Frequency
vs Temperature
Charge Current vs Ambient
Temperature with Thermal
Regulation
Charge Current vs Supply Voltage
Recharge Threshold Voltage vs
Temperature
Power FET “ON” Resistance vs
Temperature
Internal Charge Timer vs
Temperature
Undervoltage Lockout Voltage vs
Temperature
Charge Current vs Battery Voltage
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.


Similar Part No. - LTC4061-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Linear Integrated Syste...
LTC4061-4.4 LINEAR-LTC4061-4.4 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4061-4.4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com