Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3831-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3831-1
Description  High Power Synchronous Switching Regulator Controller for DDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3831-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3831-1_15 Datasheet HTML 1Page - Linear Technology LTC3831-1_15 Datasheet HTML 2Page - Linear Technology LTC3831-1_15 Datasheet HTML 3Page - Linear Technology LTC3831-1_15 Datasheet HTML 4Page - Linear Technology LTC3831-1_15 Datasheet HTML 5Page - Linear Technology LTC3831-1_15 Datasheet HTML 6Page - Linear Technology LTC3831-1_15 Datasheet HTML 7Page - Linear Technology LTC3831-1_15 Datasheet HTML 8Page - Linear Technology LTC3831-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC3831-1
38311f
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
Line Regulation
Output Voltage Temperature Drift
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
–50
25
3831 G06
120
80
–25
0
50
40
200
180
140
100
60
160
75
100
125
Error Amplifier Sink/Source
Current vs Temperature
Error Amplifier Open-Loop Gain
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs FREQSET Input Current
Oscillator (VSAWH – VSAWL)
vs External Sync Frequency
0.762
0.760
0.758
0.756
0.754
0.752
0.750
0.748
0.746
0.744
0.742
0.740
0.738
OUTPUT CURRENT (A)
–10
6
–6
–8
–4
–2
2
04
8
10
3831 G02
TA = 25°C
REFER TO FRONT PAGE APPLICATION
NEGATIVE OUTPUT CURRENT
INDICATES CURRENT SINKING
VCC SUPPLY VOLTAGE (V)
3
7
3831 G03
2
6
10
–2
–6
0
4
8
–4
–8
–10
4
5
6
8
TA = 25°C
0.760
0.758
0.756
0.754
0.752
0.750
0.748
0.746
0.744
0.742
0.740
TEMPERATURE (
°C)
–50
2300
25
3831 G04
2000
1800
–25
0
50
1700
1600
2400
2200
2100
1900
75
125
100
0.762
0.760
0.758
0.756
0.754
0.752
0.750
0.748
0.746
0.744
0.742
0.740
0.738
TEMPERATURE (
°C)
–50
50
–25
25
125
075
100
3831 G05
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
REFER TO FRONT PAGE APPLICATION
OUTPUT = NO LOAD
TEMPERATURE (
°C)
–50
50
55
60
65
70
–25
0
25
50
3831 G07
75
100
125
TEMPERATURE (
°C)
–50
50
3831 G08
0
–25
75
100
25
125
FREQSET FLOATING
360
350
340
330
320
310
300
290
280
270
260
250
240
FREQSET INPUT CURRENT (
µA)
30
0
100
200
300
400
600
20
10
0
10
3831 G09
20
30
500
TA = 25°C
700
EXTERNAL SYNC FREQUENCY (kHz)
100
0.5
0.6
0.8
0.9
1.0
1.5
1.2
200
300
3831 G10
0.7
1.3
1.4
1.1
400
500
TA = 25°C


Similar Part No. - LTC3831-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results

Similar Description - LTC3831-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com