Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3806 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3806
Description  Synchronous Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3806 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3806_15 Datasheet HTML 7Page - Linear Technology LTC3806_15 Datasheet HTML 8Page - Linear Technology LTC3806_15 Datasheet HTML 9Page - Linear Technology LTC3806_15 Datasheet HTML 10Page - Linear Technology LTC3806_15 Datasheet HTML 11Page - Linear Technology LTC3806_15 Datasheet HTML 12Page - Linear Technology LTC3806_15 Datasheet HTML 13Page - Linear Technology LTC3806_15 Datasheet HTML 14Page - Linear Technology LTC3806_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC3806
3806fb
The rising threshold voltage on the RUN pin is equal to the
internal reference voltage of 1.230V. The comparator has
91mV of hysteresis to increase noise immunity.
The turn-on and turn-off input voltage thresholds are
programmed using a resistor divider according to the
following formulas:
VV
R
R
VV
IN OFF
IN ON
()
()
.•
.•
=+
⎝⎜
⎠⎟
=
1 139
1
2
1
1 230
1
1
2
1
+
⎝⎜
⎠⎟
R
R
The resistor R1 is typically chosen to be less than 1M. For
applications where the RUN pin is only to be used as a
logic input, the user should be aware of the 7V Absolute
Maximum Rating for this pin! The RUN pin can be
connected to the input voltage through an external 1M
resistor, as shown in Figure 3c, for “always on” operation.
Application Circuits
A basic LTC3806 application circuit is shown in Figure 1.
External component selection is driven by the character-
istics of the load and the input supply.
Duty Cycle Considerations
Current and voltage stress on the power switch and
synchronous rectifiers, input and output capacitor RMS
currents and transformer utilization (size vs power) are
impacted by duty factor. Unfortunately duty factor cannot
be adjusted to simultaneously optimize all of these re-
quirements. In general, avoid extreme duty factors since
this severely impacts the current stress on most of the
components. A reasonable target for duty factor is 50% at
nominal input voltage. Using this rule of thumb, calculate
the ideal transformer turns ratio:
N
V
V
D
D
IDEAL
OUT
IN
=
⎝⎜
⎠⎟
1
1
APPLICATIO S I FOR ATIO
For a 50% duty factor, this reduces to:
N
V
V
IDEAL
OUT
IN
=
1
If NIDEAL is integer, use this for your turns ratio. If not, find
a ratio of small integers that comes close to NIDEAL. If these
conditions are met, bifilar winding techniques can be used
that will improve coupling coefficient. Cross regulation
will be better and primary-side snubbing may be reduced
or eliminated.
The selected turns ratio doesn’t have to be perfectly equal
to NIDEAL because a flyback converter’s output voltage is
not set through transformer action. Instead, the trans-
former stores energy when the primary-side switch turns
on and transfers this energy to the output(s) by flyback
action when the primary-side switch turns off.
Cross regulation may be improved by using a target duty
factor which is less than 50%. This improves cross
regulation because the secondary-side MOSFETs (syn-
chronous rectifiers) will be on a larger percentage of the
time (thereby increasing the average coupling between the
outputs). Duty factor is reduced by proportionately in-
creasing all turns ratios.
Reduced duty factor has the following effect on MOSFET
stresses:
MOSFET
MOSFET
LOCATION
CURRENT STRESS
VOLTAGE STRESS
Primary
Increased
Reduced
Secondary
Reduced
Increased
The duty factor with the selected turns ratio will equal:
D
V
VN V
OUT
OUT
IN
=
+
()
1
1
While the output(s)/input turns ratio are not critical,
the
turns ratio between outputs are critical and affect the
accuracy of the slave output voltages.


Similar Part No. - LTC3806_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3806EDE LINER-LTC3806EDE Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
More results

Similar Description - LTC3806_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com