Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3725 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3725
Description  Single-Switch Forward Controller and Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3725 Datasheet(HTML) 4 Page - Linear Technology

  LTC3725_15 Datasheet HTML 1Page - Linear Technology LTC3725_15 Datasheet HTML 2Page - Linear Technology LTC3725_15 Datasheet HTML 3Page - Linear Technology LTC3725_15 Datasheet HTML 4Page - Linear Technology LTC3725_15 Datasheet HTML 5Page - Linear Technology LTC3725_15 Datasheet HTML 6Page - Linear Technology LTC3725_15 Datasheet HTML 7Page - Linear Technology LTC3725_15 Datasheet HTML 8Page - Linear Technology LTC3725_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3725
4
3725fa
Supply Current vs VCC
UVLO Voltage Threshold vs
Temperature
UVLO Hysteresis Current vs
Temperature
Oscillator Frequency
fOSC vs RFSET
Oscillator Frequency vs
Temperature
Shunt Regulator Current ICC
vs VCC
Shunt Regulator Current vs
Temperature
VGDUV vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Optoisolator Bias VFB/IN+ vs
IFB/IN+
VCC (V)
0
1.0
1.5
15
3725 G01
0.5
0
10
5
2.0
TRICKLE CHARGER
LINEAR REGULATOR
TEMPERATURE (
°C)
–60
1.240
1.235
1.230
1.225
100
3725 G02
1.220
40
60
80
0
–20
20
–40
1.245
VUVLOF
VUVLOR
TEMPERATURE (
°C)
–60
5.00
4.95
4.90
4.85
100
3725 G03
4.80
40
60
80
0
–20
20
–40
5.05
RFSET (kΩ)
0
300
200
100
400
300
200
100
3725 G04
0
800
700
400
500
600
SECONDARY-SIDE CONTROL
PRIMARY-SIDE CONTROL
TEMPERATURE (
°C)
–60
202
201
200
199
100
3725 G05
197
198
40
60
80
0
–20
20
–40
203
PRIMARY-SIDE CONTROL
RFS(P) = 100kΩ
VCC (V)
14.00
9
6
3
15.00
14.75
14.50
14.25
3725 G06
0
18
12
15
TEMPERATURE (
°C)
–60
100
3725 G07
15
16
17
18
19
40
60
80
0
–20
20
–40
25
24
23
22
21
20
TEMPERATURE (
°C)
–60
100
3725 G08
6
7
8
40
60
80
0
–20
20
–40
14
13
12
11
10
9
VCC RISING (TRICKLE CHARGER)
VCC RISING (LINEAR REGULATOR)
VCC FALLING (BOTH)
–IFB/IN+ (mA)
0
1.5
1.0
0.5
2.0
1.5
1.0
0.5
3725 G09
0
3.5
2.0
2.5
3.0


Similar Part No. - LTC3725_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725EMSE LINER-LTC3725EMSE Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725EMSEPBF LINER-LTC3725EMSEPBF Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725EMSETR LINER-LTC3725EMSETR Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725EMSETRPBF LINER-LTC3725EMSETRPBF Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725IMSE LINER-LTC3725IMSE Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
More results

Similar Description - LTC3725_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705 Datasheet
293Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
   Active Clamp Forward Controller and Gate Driver
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com