Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3701 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3701
Description  2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3701 Datasheet(HTML) 1 Page - Linear Technology

  LTC3701_15 Datasheet HTML 1Page - Linear Technology LTC3701_15 Datasheet HTML 2Page - Linear Technology LTC3701_15 Datasheet HTML 3Page - Linear Technology LTC3701_15 Datasheet HTML 4Page - Linear Technology LTC3701_15 Datasheet HTML 5Page - Linear Technology LTC3701_15 Datasheet HTML 6Page - Linear Technology LTC3701_15 Datasheet HTML 7Page - Linear Technology LTC3701_15 Datasheet HTML 8Page - Linear Technology LTC3701_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3701
3701fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
2-Phase, Low Input Voltage,
Dual Step-Down DC/DC Controller
The LTC
®3701 is a 2-phase dual constant frequency cur-
rent mode step-down DC/DC controller providing excellent
load and line regulation. Power loss and noise due to ESR
of the input capacitor are minimized by operating the two
controller output stages out-of-phase.
The LTC3701 provides a 0.8V
±2% voltage reference and
consumes only 460
µA of quiescent current. To further
maximize the life of a battery source, the external
P-channel MOSFET is turned on continuously in dropout
(100% duty cycle).
Switching frequency is internally set at 550kHz, allowing
the use of small inductors and capacitors. For noise sen-
sitive applications, the LTC3701 can be externally syn-
chronized using its phase-locked loop. The frequency can
also be externally set from 300kHz to 750kHz by applying
a voltage to the PLLLPF pin. Burst Mode operation is inhib-
ited during synchronization or when the EXTCLK/MODE
pin is pulled low to reduce noise and RF interference.
The LTC3701 contains independent internal soft-start
circuitry for each controller. Other features include a
power good output voltage monitor and output overvolt-
age and short-circuit protection.
The LTC3701 is available in a small footprint 16-lead nar-
row SSOP package.
s
Out-of-Phase Controllers Reduce Required
Input Capacitance
s
True PLL for Frequency Locking or Frequency
Adjustment
s
Operating Frequency Range: 300kHz to 750kHz
s
Wide VIN Range: 2.5V to 10V
s
Constant Frequency Current Mode Architecture
s
Low Dropout: 100% Duty Cycle
s
Power Good Output Voltage Monitor
s
Internal Soft-Start Circuitry
s
Selectable Burst Mode
®/Pulse Skipping Operation
at Light Loads
s
Output Overvoltage Protection
s
Low Quiescent Current: 460
µA
s
0.8V
±2% Voltage Reference
s
Small 16-Lead Narrow SSOP Package
s
One or Two Lithium-Ion Powered Applications
s
Notebook and Handheld Computers
s
Personal Digital Assistants
s
Portable Instruments
s
Distributed DC Power Systems
Figure 1. High Efficiency 2-Phase 550kHz Dual Step-Down Converter
Efficiency vs Load Current
+
SENSE1
VFB1
ITH/RUN1
SGND
ITH/RUN2
VFB2
PLLLPF
SENSE2
SENSE1+
VIN
PGATE1
PGND
PGATE2
PGOOD
EXTCLK/MODE
SENSE2+
1
3
2
4
6
5
7
8
16
15
14
13
12
11
10
9
LTC3701
220pF
220pF
10k
10k
D1, D2: IR10BQ015
L1, L2: LQN6C-4R7
M1, M2: FDC638P
78.7k
80.6k
100k
169k
L1
4.7
µH
47
µF
10
µF
47
µF
0.03
0.03
L2
4.7
µH
D1
M1
M2
D2
3701 F01a
VOUT1
2.5V
2A
VIN
2.5V TO 9.8V
VOUT2
1.8V
2A
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
LOAD CURRENT (mA)
60
80
100
50
70
90
1
100
1000
10000
3701 F01b
40
10
VIN = 3.3V
VIN = 8.4V
VOUT = 2.5V
VIN = 4.2V
VIN = 6V


Similar Part No. - LTC3701_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3701EGN LINER-LTC3701EGN Datasheet
250Kb / 20P
   2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
More results

Similar Description - LTC3701_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3701 LINER-LTC3701 Datasheet
250Kb / 20P
   2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com