Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1630CN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1630CN8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1630CN8 Datasheet HTML 7Page - Linear Technology LT1630CN8 Datasheet HTML 8Page - Linear Technology LT1630CN8 Datasheet HTML 9Page - Linear Technology LT1630CN8 Datasheet HTML 10Page - Linear Technology LT1630CN8 Datasheet HTML 11Page - Linear Technology LT1630CN8 Datasheet HTML 12Page - Linear Technology LT1630CN8 Datasheet HTML 13Page - Linear Technology LT1630CN8 Datasheet HTML 14Page - Linear Technology LT1630CN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1630/LT1631
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs Frequency
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
1630/31 G30
1000
200
500
3RD
2ND
2ND
3RD
VS = 5V, 0V
AV = 1
VIN = 2VP-P
RL = 150Ω
RL = 1k
Harmonic Distortion vs Frequency
5V Large-Signal Response
1630/31 G27
VS = 5V, 0V
AV = 1
RL = 1k
5V Small-Signal Response
1630/31 G26
VS = 5V, 0V
AV = 1
RL = 1k
FREQUENCY (kHz)
100
0
–20
–40
–60
–80
–100
1000
1630/31 G31
1000
200
500
3RD
2ND
3RD
VS = 5V, 0V
AV = –1
VIN = 2VP-P
RL = 150Ω
RL = 1k
2ND
±15V Small-Signal Response
VS = ±15V
AV = 1
RL = 1k
±15V Large-Signal Response
1630/31 G29
VS = ±15V
AV = 1
RL = 1k
1630/31 G28
APPLICATIONS INFORMATION
Rail-to-Rail Input and Output
The LT1630/LT1631 are fully functional for an input and
output signal range from the negative supply to the posi-
tive supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential
amplifiers, a PNP stage Q1/Q2 and an NPN stage Q3/Q4
that are active over different ranges of input common
mode voltage. The PNP differential input pair is active for
input common mode voltages VCM between the negative
supply to approximately 1.4V below the positive supply.
As VCM moves closer toward the positive supply, the
transistor Q5 will steer the tail current I1 to the current
mirror Q6/Q7, activating the NPN differential pair and the
PNP pair becomes inactive for the rest of the input com-
mon mode range up to the positive supply.
The output is configured with a pair of complementary
common emitter stages Q14/Q15 that enables the output
to swing from rail to rail. These devices are fabricated on
Linear Technology’s proprietary complementary bipolar
process to ensure similar DC and AC characteristics.
Capacitors C1 and C2 form local feedback loops that lower
the output impedance at high frequencies.


Similar Part No. - LT1630CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1630CN8 LINER-LT1630CN8 Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630CN8PBF LINER-LT1630CN8PBF Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630CN8TRPBF LINER-LT1630CN8TRPBF Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1630CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1631 LINER-LT1631_15 Datasheet
363Kb / 20P
   30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630_15 Datasheet
363Kb / 20P
   30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1632 LINER-LT1632 Datasheet
365Kb / 16P
   45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com