Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR12A45SD1-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR12A45SD1-T
Description  12A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR12A45SD1-T Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR12A45SD1-T Datasheet HTML 1Page - Diodes Incorporated SBR12A45SD1-T Datasheet HTML 2Page - Diodes Incorporated SBR12A45SD1-T Datasheet HTML 3Page - Diodes Incorporated SBR12A45SD1-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR12A45SD1
Document number: DS31452 Rev. 6 - 2
3 of 4
www.diodes.com
July 2012
© Diodes Incorporated
SBR is a registered trademark of Diodes Incorporated.
SBR12A45SD1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 1 Typical Forward Characteristics
0
0.2
0.4
0.6
0.1
0.3
0.5
0.01
0.1
1
10
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 2 Typical Reverse Characteristics
0.1
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
45
T = -55
C
T = -55°C
A
T = 25
C
T = 85
C
T = 150
C
T = 125
C
T = 25°C
A
T = 125°C
A
T = 150°C
A
100
1,000
10,000
100,000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Figure 3 Total Capacitance vs. Reverse Voltage
f = 1MHz
0
2
4
6
8
10
12
14
110
115
130
145
160
180
T , LEAD TEMPERATURE (°C)
L
Figure 4 Maximum DC Forward Current Derating
175
Note 6
0
25
50
75
100
125
150
175
0
9
18
27
36
45
V , DC REVERSE VOLTAGE (V)
R
Figure 5 Operating Temperature Derating


Similar Part No. - SBR12A45SD1-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12A45SD1-T DIODES-SBR12A45SD1-T Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
More results

Similar Description - SBR12A45SD1-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U45LH DIODES-SBR12U45LH_15 Datasheet
236Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP
SBR12U100P5Q DIODES-SBR12U100P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
SBR12U45LH1 DIODES-SBR12U45LH1_15 Datasheet
251Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP-B
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com