Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10U200P5Q-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR10U200P5Q-13
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10U200P5Q-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR10U200P5Q-13 Datasheet HTML 1Page - Diodes Incorporated SBR10U200P5Q-13 Datasheet HTML 2Page - Diodes Incorporated SBR10U200P5Q-13 Datasheet HTML 3Page - Diodes Incorporated SBR10U200P5Q-13 Datasheet HTML 4Page - Diodes Incorporated SBR10U200P5Q-13 Datasheet HTML 5Page - Diodes Incorporated SBR10U200P5Q-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR10U200P5
Document number: DS31234 Rev. 10 - 2
3 of 6
www.diodes.com
June 2015
© Diodes Incorporated
SBR10U200P5
Fig. 2 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 3 Typical Reverse Characteristics
0.1
1
10
100
1,000
0
20
40
60
80 100 120 140 160 180 200
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
1
10
100
1,000
10,000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Fig. 5 Forward Current Derating Curve
0
2.0
4.0
0
25
50
75
100
125
175
T , LEAD TEMPERATURE (°C)
L
Note 5
150
6.0
8.0
10
12
R
= R

JA
JC
Based on Lead Temperature TL
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
150
175
0
20
40
60
80 100 120 140 160 180 200
V , DC REVERSE VOLTAGE (V)
R
Note 6


Similar Part No. - SBR10U200P5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U200P5Q-13 DIODES-SBR10U200P5Q-13 Datasheet
539Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR10U200P5Q-13D DIODES-SBR10U200P5Q-13D Datasheet
539Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
More results

Similar Description - SBR10U200P5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR1045SP5 DIODES-SBR1045SP5_15 Datasheet
217Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com