Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1615ES5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1615ES5
Description  Micropower Step-Up DC/DC Convertersin SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1615ES5 Datasheet(HTML) 5 Page - Linear Technology

  LT1615ES5 Datasheet HTML 1Page - Linear Technology LT1615ES5 Datasheet HTML 2Page - Linear Technology LT1615ES5 Datasheet HTML 3Page - Linear Technology LT1615ES5 Datasheet HTML 4Page - Linear Technology LT1615ES5 Datasheet HTML 5Page - Linear Technology LT1615ES5 Datasheet HTML 6Page - Linear Technology LT1615ES5 Datasheet HTML 7Page - Linear Technology LT1615ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1615/LT1615-1
Choosing an Inductor
Several recommended inductors that work well with the
LT1615 and LT1615-1 are listed in Table 1, although there
are many other manufacturers and devices that can be
used. Consult each manufacturer for more detailed infor-
mation and for their entire selection of related parts. Many
different sizes and shapes are available. Use the equations
and recommendations in the next few sections to find the
correct inductance value for your design.
Table 1. Recommended Inductors
PART
VALUE (
µH)
MAX DCR (
)
VENDOR
LQH3C4R7
4.7
0.26
Murata
LQH3C100
10
0.30
(714) 852-2001
LQH3C220
22
0.92
www.murata.com
CD43-4R7
4.7
0.11
Sumida
CD43-100
10
0.18
(847) 956-0666
CDRH4D18-4R7
4.7
0.16
www.sumida.com
CDRH4D18-100
10
0.20
DO1608-472
4.7
0.09
Coilcraft
DO1608-103
10
0.16
(847) 639-6400
DO1608-223
22
0.37
www.coilcraft.com
Inductor Selection—Boost Regulator
The formula below calculates the appropriate inductor
value to be used for a boost regulator using the LT1615 or
LT1615-1 (or at least provides a good starting point). This
value provides a good tradeoff in inductor size and system
performance. Pick a standard inductor close to this value.
A larger value can be used to slightly increase the available
output current, but limit it to around twice the value
calculated below, as too large of an inductance will in-
crease the output voltage ripple without providing much
additional output current. A smaller value can be used
(especially for systems with output voltages greater than
12V) to give a smaller physical size. Inductance can be
calculated as:
L
VV
V
I
t
OUT
IN MIN
D
LIM
OFF
=
−+
()
where VD = 0.4V (Schottky diode voltage), ILIM= 350mA or
100mA, and tOFF = 400ns; for designs with varying VIN
such as battery powered applications, use the minimum
VIN value in the above equation. For most systems with
APPLICATIO S I FOR ATIO
output voltages below 7V, a 4.7
µH inductor is the best
choice, even though the equation above might specify a
smaller value. This is due to the inductor current over-
shoot that occurs when very small inductor values are
used (see Current Limit Overshoot section).
For higher output voltages, the formula above will give
large inductance values. For a 2V to 20V converter (typical
LCD Bias application), a 21
µH inductor is called for with
the above equation, but a 10
µH inductor could be used
without excessive reduction in maximum output current.
Inductor Selection—SEPIC Regulator
The formula below calculates the approximate inductor
value to be used for a SEPIC regulator using the LT1615.
As for the boost inductor selection, a larger or smaller
value can be used.
L
VV
I
t
OUT
D
LIM
OFF
=
+


2
Current Limit Overshoot
For the constant off-time control scheme of the LT1615,
the power switch is turned off only after the 350mA (or
100mA) current limit is reached. There is a 100ns delay
between the time when the current limit is reached and
when the switch actually turns off. During this delay, the
inductor current exceeds the current limit by a small
amount. The peak inductor current can be calculated by:
II
VV
L
ns
PEAK
LIM
IN MAX
SAT
=+
()
100
Where VSAT = 0.25V (switch saturation voltage). The
current overshoot will be most evident for systems with
high input voltages and for systems where smaller induc-
tor values are used. This overshoot can be beneficial as it
helps increase the amount of available output current for
smaller inductor values. This will be the peak current seen
by the inductor (and the diode) during normal operation.
For designs using small inductance values (especially at
input voltages greater than 5V), the current limit over-
shoot can be quite high. Although it is internally current


Similar Part No. - LT1615ES5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1615ES5 LINEAR-LT1615ES5 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615ES5 LINER-LT1615ES5 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Linear Integrated Syste...
LT1615ES5-1 LINEAR-LT1615ES5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
More results

Similar Description - LT1615ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com