Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0136A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0136A
Description  STANDARD RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0136A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0136A_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0136A_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0136A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR9 __ __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Recovery Time
__ = Standard Recovery
Voltage/Family
P = 1300V
R = 1400V
T = 1500V
SDR9P thru SDR9T
Series
9.0 AMP
STANDARD RECOVERY
RECTIFIER
1300 ─ 1500 VOLTS
FEATURES:
PIV to 1500 Volts
Hermetically Sealed
Low Reverse Leakage Current
Single Chip Construction
Replaces Larger DO-4 Rectifiers
Low Thermal Resistance
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Fast,and Ultra Fast Versions Available-
Contact Factory
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
And DC Blocking Voltage
SDR9P
SDR9R
SDR9T
VRRM
VRWM
VR
1300
1400
1500
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
9.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
130
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4
°C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact
Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
SMS


Similar Part No. - RC0136A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0136A SSDI-RC0136A Datasheet
74Kb / 2P
   STANDARD RECOVERY RECTIFIER
More results

Similar Description - RC0136A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
   STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00005B SSDI-R00005B Datasheet
97Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
BY228 DIGITRON-BY228 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
   STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com