Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1614IS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1614IS8
Description  Inverting 600kHz Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614IS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1614IS8 Datasheet HTML 1Page - Linear Technology LT1614IS8 Datasheet HTML 2Page - Linear Technology LT1614IS8 Datasheet HTML 3Page - Linear Technology LT1614IS8 Datasheet HTML 4Page - Linear Technology LT1614IS8 Datasheet HTML 5Page - Linear Technology LT1614IS8 Datasheet HTML 6Page - Linear Technology LT1614IS8 Datasheet HTML 7Page - Linear Technology LT1614IS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1614
Inverting 600kHz
Switching Regulator
July 1998
FEATURES
DESCRIPTION
The LT
®1614 is a fixed frequency, inverting mode switch-
ing reglator that operates from an input voltage as low as
1V. Utilizing a low noise topology, the LT1614 can gener-
ate a negative output down to – 24V from a 1V to 5V input.
Fixed frequency switching ensures a clean output free
from low frequency noise. The device contains a low-
battery detector with a 200mV reference and shuts down
to less than 10
µA.NoloadquiescentcurrentoftheLT1614
is 1mA and the internal NPN power switch handles a
500mA current with a voltage drop of just 295mV.
High frequency switching enables the use of small induc-
tors and capacitors. Ceramic capacitors can be used in
many applications, eliminating the need for bulky tanta-
lum types.
The LT1614 is available in 8-lead MSOP or SO packages.
s
Better Regulation Than a Charge Pump
s
0.1
Effective Output Impedance
s
– 5V at 200mA from a 5V Input
s
600kHz Fixed Frequency Operation
s
Operates with VIN as Low as 1V
s
1mA Quiescent Current
s
Low Shutdown Current: 10
µA
s
Low-Battery Detector
s
Low VCESAT Switch: 295mV at 500mA
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
MR Head Bias
s
LCD Bias
s
GaAs FET Bias
s
Positive-to-Negative Conversion
APPLICATIONS
TYPICAL APPLICATION
5V to – 5V Converter Efficiency
5V to – 5V Converter
VIN
SW
LT1614
L1
22
µH
VIN
5V
D1
NFB
SHDN
69.8k
24.9k
100k
1nF
VOUT
– 5V
200mA
C1, C2: AVX TAJB336M010
C3: AVX 1206CY106
D1: MBR0520
L1, L2: MURATA LQH3C220
1614 TA01
C1
33
µF
C2
33
µF
VC
GND
L2
22
µH
C3
1
µF
+
LOAD CURRENT (mA)
310
30
60
70
80
90
100
300
1614 TA02
50
40


Similar Part No. - LT1614IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614IS8 LINER-LT1614IS8 Datasheet
266Kb / 16P
   Inverting 600kHz Switching Regulator
More results

Similar Description - LT1614IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614_1 Datasheet
266Kb / 16P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
   600kHz 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Rohm
BD9718G ROHM-BD9718G Datasheet
102Kb / 3P
   Inverting Switching Regulator Controller
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com