Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1614 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1614
Description  Inverting 600kHz Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614 Datasheet(HTML) 6 Page - Linear Technology

  LT1614 Datasheet HTML 1Page - Linear Technology LT1614 Datasheet HTML 2Page - Linear Technology LT1614 Datasheet HTML 3Page - Linear Technology LT1614 Datasheet HTML 4Page - Linear Technology LT1614 Datasheet HTML 5Page - Linear Technology LT1614 Datasheet HTML 6Page - Linear Technology LT1614 Datasheet HTML 7Page - Linear Technology LT1614 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1614
TYPICAL APPLICATION
5V to – 15V/80mA DC/DC Converter
5V to – 15V Converter Efficiency
LOAD CURRENT (mA)
1
50
55
60
65
70
80
10
100
1614 TA06
75
VIN
SW
LT1614
L1
22
µH
VIN
5V
D1
NFB
SHDN
255k
24.9k
100k
1nF
VOUT
–15V
80mA
C1: 25V, Y5V
D1: MBR0520
L1, L2: MURATA LQH3C220
1614 TA05
22
µF
10
µF
25V
VC
GND
L2
22
µH
C1
1
µF
+


Similar Part No. - LT1614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
266Kb / 16P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1614 LINER-LT1614 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LT1614 LINER-LT1614 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Analog Devices
LT1614 AD-LT1614 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results

Similar Description - LT1614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1614 LINER-LT1614_1 Datasheet
266Kb / 16P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
   600kHz 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Rohm
BD9718G ROHM-BD9718G Datasheet
102Kb / 3P
   Inverting Switching Regulator Controller
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com