Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0117B Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # RC0117B
Description  ULTRA FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0117B Datasheet(HTML) 4 Page - Solid States Devices, Inc

  RC0117B_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0117B_15 Datasheet HTML 2Page - Solid States Devices, Inc RC0117B_15 Datasheet HTML 3Page - Solid States Devices, Inc RC0117B_15 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOLID STATE DEVICES INC.
14701 Firestone, La Mirada, Ca 90638
Data Sheet # RC0117
ECO #
REV
DATE
DESCRIPTION
APPROVAL
----
A
12/04/07 Initial release.
BEG
E-100386
B
07/01/10 IFSM = 200A; RJC= 1.5ºC/W, VF1= 1.2V, VF2= 1.5V, VF3= 1.15V
IB
Q312rD
REVISIONS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC


Similar Part No. - RC0117B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0117B SSDI-RC0117B Datasheet
155Kb / 4P
   RECTIFIER
More results

Similar Description - RC0117B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com