Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10A45SP5Q-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR10A45SP5Q-13
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10A45SP5Q-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR10A45SP5Q-13 Datasheet HTML 1Page - Diodes Incorporated SBR10A45SP5Q-13 Datasheet HTML 2Page - Diodes Incorporated SBR10A45SP5Q-13 Datasheet HTML 3Page - Diodes Incorporated SBR10A45SP5Q-13 Datasheet HTML 4Page - Diodes Incorporated SBR10A45SP5Q-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR10A45SP5
Document number: DS35202 Rev. 6 - 2
3 of 5
www.diodes.com
December 2012
© Diodes Incorporated
SBR10A45SP5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
02
4
6
8
10
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
T = 175°C
A
0.1
1
10
100
1,000
10,000
100,000
0
200
400
600
800
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
5
10
15
20
25
30
35
40
45
0.1
1
10
100
1,000
10,000
100,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
100
1,000
10,000
f = 1MHz
0
25
50
75
100
125
150
175
200
04.5
9
13.5 18
27 31.5 36 40.5 45
Fig. 5 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
Fig. 6 Forward Current Derating Curve
0
2
4
6
8
10
12
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
175
Based on Lead Temp (T )
L


Similar Part No. - SBR10A45SP5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5 Datasheet
94Kb / 4P
   SUPER BARRIER RECTIFIER
SBR10A45SP5-13 DIODES-SBR10A45SP5-13 Datasheet
94Kb / 4P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10A45SP5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR1045SP5 DIODES-SBR1045SP5_15 Datasheet
217Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com