Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1611 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1611
Description  Inverting 1.4MHz Switching Regulator in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1611 Datasheet HTML 4Page - Linear Technology LT1611 Datasheet HTML 5Page - Linear Technology LT1611 Datasheet HTML 6Page - Linear Technology LT1611 Datasheet HTML 7Page - Linear Technology LT1611 Datasheet HTML 8Page - Linear Technology LT1611 Datasheet HTML 9Page - Linear Technology LT1611 Datasheet HTML 10Page - Linear Technology LT1611 Datasheet HTML 11Page - Linear Technology LT1611 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1611
TYPICAL APPLICATIO S
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Table 1. Inductor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Sumida
(847) 956-0666
www.sumida.com
CLS62-22022
22
µH Coupled
CD43-470
47
µH
Murata
(404) 436-1300
www.murata.com
LQH3C-220
22
µH, 2mm Height
Coiltronics
(407) 241-7876
www.coiltronics.com
CTX20-1
20
µH Coupled, Low DCR
Table 2. Capacitor Vendors
VENDOR
PHONE
URL
PART
COMMENT
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Ceramic Caps
X5R Dielectric
AVX
(803) 448-9411
www.avxcorp.com
Ceramic Caps
Tantalum Caps
Murata
(404) 436-1300
www.murata.com
Ceramic Caps
Capacitors
As described previously, ceramic capacitors can be used
with the LT1611 provided loop stability is considered. For
lower cost applications, small tantalum units can be used.
A value of 22
µF is acceptable, although larger capacitance
values can be used. ESR is the most important parameter
in selecting an output capacitor. The “flying” capacitor (C2
in the schematic figures) should be a 1
µF ceramic type. An
X5R or X7R dielectric should be used to avoid capacitance
decreasing severely with applied voltage. The input by-
pass capacitor is less critical, and either tantalum or
ceramic can be used with little trade-off in circuit perfor-
mance. Some capacitor types appropriate for use with the
LT1611 are listed in Table 2.
Diodes
A Schottky diode is recommended for use with the LT1611.
The Motorola MBR0520 is a very good choice. Where the
input to output voltage differential exceeds 20V, use the
MBR0530 ( a 30V diode). If cost is more important than
efficiency, a 1N4148 can be used, but only at low current
loads.
OPERATIO
VIN
3.3V
–5V
70mA
1611 TA02
SW
L1
10
µH
D1
D2
GND
LT1611
C1, C2: TAIYO YUDEN LMK212BJ105MG
C3: TAIYO YUDEN JMK325BJ226MM
D1, D2: MBR0520
L1: MURATA LQH3C-100
C1
1
µF
C3
22
µF
C2
1
µF
10k
29.4k
NFB
SHDN
“Charge Pump” Inverting DC/DC Converter


Similar Part No. - LT1611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1611 LINER-LT1611 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1611 LINER-LT1611 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LT1611 LINER-LT1611 Datasheet
270Kb / 12P
   Inverting 1.4MHz Switching Regulator in SOT-23
LT1611 LINER-LT1611 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Analog Devices
LT1611 AD-LT1611 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results

Similar Description - LT1611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1611 LINER-LT1611_15 Datasheet
270Kb / 12P
   Inverting 1.4MHz Switching Regulator in SOT-23
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com