Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3543 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3543
Description  600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3543 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3543_15 Datasheet HTML 3Page - Linear Technology LTC3543_15 Datasheet HTML 4Page - Linear Technology LTC3543_15 Datasheet HTML 5Page - Linear Technology LTC3543_15 Datasheet HTML 6Page - Linear Technology LTC3543_15 Datasheet HTML 7Page - Linear Technology LTC3543_15 Datasheet HTML 8Page - Linear Technology LTC3543_15 Datasheet HTML 9Page - Linear Technology LTC3543_15 Datasheet HTML 10Page - Linear Technology LTC3543_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3543
7
3543fa
SW (Pin 1): Switch Node Connector to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
CAP (Pin 2): Capacitor used for smoothing out spread
spectrum or for PLL response. Connect to a capacitor
whose other plate is connected to GND, or allow the pin
to float. Value = 1nF – 10nF.
MODE (Pin 3): Mode Selection Pin. Connect as follows
to invoke desired operation: MODE = GND
→ Burst Mode
operation, MODE = VFB
→ Pulse skip with spread spec-
trum, MODE = VIN
→ Pulse skip, MODE = External clock
→ PLL mode.
VFB (Pin 4): Feedback sensing pin for the external feedback
resistors.
RUN (Pin 5): Run Control Input. Forcing pin above 1.5V
enables the part. Forcing the pin below 0.3V shuts down
the device. In shutdown, all functions are disabled,
drawing <1μA of supply current. Do not leave the RUN
pin floating.
VIN (Pin 6): Main Supply Pin.
Exposed Pad (Pin 7): Exposed Pad connected to
ground.
LOGIC
SW
VIN
VFB
MODE
RUN
S
R
Q
QB
MODE SELECT
R1
R2
COUT
CIN
BURST
C1
RS
BP
MAIN
ICOMP
IRCMP
OSC
PEAK CURRENT LEVEL REF
SYNCHRONOUS
VIN
VOUT
CAP
0.6V
VOUT
EA
L
L
L
5
3
2
4
1
7
6
3543 FD
GND
SPREAD
SPECTRUM
PLL
FUNCTIONAL DIAGRAM
PIN FUNCTIONS


Similar Part No. - LTC3543_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3543EDCB LINER-LTC3543EDCB Datasheet
299Kb / 16P
   600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
More results

Similar Description - LTC3543_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3543 LINER-LTC3543 Datasheet
299Kb / 16P
   600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
EV28114DG-00A MPS-EV28114DG-00A Datasheet
151Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Seaward Electronics Inc...
SE3806 SEAWARD-SE3806 Datasheet
97Kb / 2P
   1.25MHz, 600mA Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
   1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
   2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com