Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1579CS-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1579CS-5
Description  300mA Dual Input Smart Battery Backup Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1579CS-5 Datasheet HTML 4Page - Linear Technology LT1579CS-5 Datasheet HTML 5Page - Linear Technology LT1579CS-5 Datasheet HTML 6Page - Linear Technology LT1579CS-5 Datasheet HTML 7Page - Linear Technology LT1579CS-5 Datasheet HTML 8Page - Linear Technology LT1579CS-5 Datasheet HTML 9Page - Linear Technology LT1579CS-5 Datasheet HTML 10Page - Linear Technology LT1579CS-5 Datasheet HTML 11Page - Linear Technology LT1579CS-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
Logic Flag Input Current
(Output High)
Current Limit
Current Limit
INPUT VOLTAGE (V)
0
0.4
0.5
0.6
35
1579 G29
0.3
0.2
12
46
7
0.1
0
VOUT = 0V
ADJUST PIN VOLTAGE (V)
0
0.6
0.8
1.0
1.6
1579 G28
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
TJ = 25°C
VIN1 = VIN2 = 0V
Adjust Pin Input Current
Low-Battery Comparator
Hysteresis
TEMPERATURE (
°C)
–50 – 25
0
10
25
0
50
75
1579 G25
5
20
15
25
100
125
ILBO(SINK) = 50µA
LOGIC FLAG VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1579 G22
10
13
6
7
8
CONTROL PIN VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1579 G23
10
13
6
7
8
Control Pin Input Current
Low-Battery Comparator
Hysteresis
ILBO SINK CURRENT (µA)
0
10
15
40
1579 G24
5
0
10
20
30
50
20
Reverse Output Current
TEMPERATURE (
°C)
–50
0
2
6
8
10
20
14
0
50
75
1579 G27
4
16
18
12
–25
25
100
125
VIN1 = VIN2 = 0V
VOUT = 3V (LT1579-3)
VOUT = 3.3V (LT1579-3.3)
VOUT = 5V (LT1579-5)
Reverse Output Current
OUTPUT VOLTAGE (V)
0
0
5
15
20
25
2
4
59
1579 G26
10
13
6
7
8
TJ = 25°C
VIN1 = VIN2 = 0V
CURRENT FLOWS INTO
OUTPUT PIN
LT1579-3.3
LT1579-3
LT1579-5
TEMPERATURE (
°C)
–50
0.4
0.5
0.7
25
75
1579 G38
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
VIN1 = VIN2 = VOUT(NOMINAL) + 1V
∆VOUT = –0.1V
TYPICAL
GUARANTEED


Similar Part No. - LT1579CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
More results

Similar Description - LT1579CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
   300mA 36V Input Regulator
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com