Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1576CS8-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1576CS8-5
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8-5 Datasheet(HTML) 3 Page - Linear Technology

  LT1576CS8-5 Datasheet HTML 1Page - Linear Technology LT1576CS8-5 Datasheet HTML 2Page - Linear Technology LT1576CS8-5 Datasheet HTML 3Page - Linear Technology LT1576CS8-5 Datasheet HTML 4Page - Linear Technology LT1576CS8-5 Datasheet HTML 5Page - Linear Technology LT1576CS8-5 Datasheet HTML 6Page - Linear Technology LT1576CS8-5 Datasheet HTML 7Page - Linear Technology LT1576CS8-5 Datasheet HTML 8Page - Linear Technology LT1576CS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1576/LT1576-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Switch Duty Cycle (Note 10)
8%
Switch Frequency
VC Set to Give 50% Duty Cycle
180
200
220
kHz
q
160
240
kHz
Switch Frequency Line Regulation
5V
≤ VIN ≤ 25V
q
0
0.15
%/ V
Frequency Shifting Threshold on FB Pin
∆f = 10kHz
q
0.4
0.74
1.0
V
Minimum Input Voltage (Note 3)
q
5.0
5.5
V
Minimum Boost Voltage (Note 4)
ISW ≤ 1.5A
q
2.3
3.0
V
Boost Current (Note 5)
ISW = 0.5A
q
918
mA
ISW = 1.5A
q
27
50
mA
VIN Supply Current (Note 6)
VBIAS = 5V
q
0.55
0.8
mA
BIAS Supply Current (Note 6)
VBIAS = 5V
q
1.6
2.2
mA
Shutdown Supply Current
VSHDN = 0V, VIN ≤ 25V, VSW = 0V, VC Open
20
50
µA
q
75
µA
Lockout Threshold
VC Open
q
2.34
2.42
2.50
V
Shutdown Thresholds
VC Open Device Shutting Down
q
0.13
0.37
0.60
V
Device Starting Up
q
0.25
0.45
0.7
V
Synchronization Threshold
1.5
2.2
V
Synchronizing Range
250
400
kHz
SYNC Pin Input Resistance
40
k
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the
switching threshold level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the boost pin with the pin
held 5V above input voltage. It flows only during switch on time.
Note 6: VIN supply current is the current drawn when the BIAS pin is held
at 5V and switching is disabled. Total input referred supply current is
calculated by summing input supply current (ISI) with a fraction of BIAS
supply current (ISB)
ITOT = ISI + (ISB)(VBIAS/VIN)(1.15)
with VIN = 15V, VBIAS = 5V, ISI = 0.55mA, ISB = 1.6mA and ITOT = 1.16mA.
If the BIAS pin is unavailable or open circuit, the sum of VIN and BIAS
supply currents will be drawn by the VIN pin.
Note 7: Switch on resistance is calculated by dividing VIN to VSW voltage
by the forced current (1.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
Note 8: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance,
refer to the SENSE pin on the fixed voltage parts. Divide values shown by
the ratio VOUT/1.21.
Note 9: Slope compensation is the current subtracted from the switch
current limit at 80% duty cycle. See Maximum Output Load Current in the
Applications Information section for further details.
Note 10: Minimum on-time is 400ns typical. For a 200kHz operating
frequency this means the minimum duty cycle is 8%. In frequency
foldback mode, the effective duty cycle will be less than 8%.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA, TJ = 25°C, VIN = 15V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.


Similar Part No. - LT1576CS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1576CS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com