Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585A Datasheet(PDF) 1 Page - Linear Technology

Part # LT1585A
Description  5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585A Datasheet(HTML) 1 Page - Linear Technology

  LT1585A Datasheet HTML 1Page - Linear Technology LT1585A Datasheet HTML 2Page - Linear Technology LT1585A Datasheet HTML 3Page - Linear Technology LT1585A Datasheet HTML 4Page - Linear Technology LT1585A Datasheet HTML 5Page - Linear Technology LT1585A Datasheet HTML 6Page - Linear Technology LT1585A Datasheet HTML 7Page - Linear Technology LT1585A Datasheet HTML 8Page - Linear Technology LT1585A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1585A/LT1585A-3.3
5A Low Dropout
Fast Response
Positive Regulators
Adjustable and Fixed
The LT
®1585A/LT1585A-3.3 are low dropout 3-terminal
regulators with 5A output current capability. Design has
been optimized for low voltage applications where tran-
sient response and minimum input voltage are critical.
Similar to the LT1084 family, these regulators feature
lower dropout voltage and faster transient response.
These improvements make them ideal for low voltage
microprocessor applications requiring a regulated 2.5V to
3.6V output with an input supply below 7V.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal lim-
iting provides protection against any combination of over-
load that would create excessive junction temperatures.
The LT1585A/LT1585A-3.3 are available in the industry
standard 3-pin TO-220 power package.
DESCRIPTION
APPLICATIONS
s
Fast Transient Response
s
Guaranteed Dropout Voltage at Multiple Currents
s
Load Regulation: 0.05% Typ
s
Trimmed Current Limit
s
On-Chip Thermal Limiting
s
Standard 3-Pin Power Package
FEATURES
s
Pentium
® Processor Supplies
s
PowerPC
TM Supplies
s
Other 2.5V to 3.6V Microprocessor Supplies
s
Low Voltage Logic Supplies
s
Battery-Powered Circuitry
s
Post Regulator for Switching Supply
LT1585ACT
Adjustable
LT1585ACT-3.3
3.3V Fixed
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation. PowerPC is a trademark of IBM Corporation.
TYPICAL APPLICATION
NOTE: MICROPROCESSOR APPLICATIONS WITH LOAD TRANSIENTS OF 3.8A REQUIRE
OUTPUT DECOUPLING CAPACITANCE >1300
µF ON FIXED VOLTAGE PARTS TO ACHIEVE
< 50mV OF DEVIATION FROM NOMINAL OUTPUT. CONSULT FACTORY FOR DETAILS
Dropout Voltage vs Output Current
3.3V, 5A Regulator
LT1585A-3.3
VIN ≥ 4.75V
1585A TA01
C1
10
µF
* REQUIRED FOR STABILITY
3.3V
5A
+
C2*
10
µF
+
OUTPUT CURRENT (A)
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
LT1585A TA02
IFULL LOAD


Similar Part No. - LT1585A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
More results

Similar Description - LT1585A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com