Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1578CS8-2.5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1578CS8-2.5
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578CS8-2.5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1578CS8-2.5 Datasheet HTML 6Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 7Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 8Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 9Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 10Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 11Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 12Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 13Page - Linear Technology LT1578CS8-2.5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LT1578/LT1578-2.5
Note that there is less load current available at the higher
input voltage because inductor ripple current increases.
This is not always the case. Certain combinations of
inductor value and input voltage range may yield lower
available load current at the lowest input voltage due to
reduced peak switch current at high duty cycles. If load
current is close to the maximum available, please check
maximum available current at both input voltage
extremes. To calculate actual peak switch current with a
given set of conditions, use:
II
VV
V
Lf V
SW PEAK
OUT
OUT
IN
OUT
IN
( ) =+
()
()( )( )
2
For lighter loads where discontinuous operation can be
used, maximum load current is equal to:
IOUT(MAX) =
Discontinuous mode
Example: with L = 5
µH, VOUT = 5V, and VIN(MAX) = 15V,
IA
OUT MAX
()
=
()
()
()
()
=
1 5
200 10
5 10
15
2 5 15 5
034
2
36
.•
.
The main reason for using such a tiny inductor is that it is
physically very small, but keep in mind that peak-to-peak
inductor current will be very high. This will increase output
ripple voltage. If the output capacitor has to be made larger
to reduce ripple voltage, the overall circuit could actually
wind up larger.
CHOOSING THE INDUCTOR AND OUTPUT CAPACITOR
For most applications the output inductor will fall in the
range of 15
µH to 60µH. Lower values are chosen to reduce
APPLICATIONS INFORMATION
physical size of the inductor. Higher values allow more
output current because they reduce peak current seen by
the LT1578 switch, which has a 1.5A limit. Higher values
also reduce output ripple voltage, and reduce core loss.
Graphs in the Typical Performance Characteristics section
show maximum output load current versus inductor size
and input voltage.
When choosing an inductor you might have to consider
maximum load current, core and copper losses, allowable
component height, output voltage ripple, EMI, fault cur-
rent in the inductor, saturation, and of course, cost. The
following procedure is suggested as a way of handling
these somewhat complicated and conflicting requirements.
1. Choose a value in microhenries from the graphs of
maximum load current and core loss. Choosing a small
inductor may result in discontinuous mode operation
at lighter loads, but the LT1578 is designed to work
well in either mode. Keep in mind that lower core loss
means higher cost, at least for closed core geometries
like toroids.
Assume that the average inductor current is equal to
load current and decide whether or not the inductor
must withstand continuous fault conditions. If maxi-
mum load current is 0.5A, for instance, a 0.5A inductor
may not survive a continuous 1.5A overload condition.
Dead shorts will actually be more gentle on the induc-
tor because the LT1578 has foldback current limiting.
2. Calculate peak inductor current at full load current to
ensure that the inductor will not saturate. Peak current
can be significantly higher than output current, espe-
cially with smaller inductors and lighter loads, so don’t
omit this step. Powdered iron cores are forgiving
because they saturate softly, whereas ferrite cores
saturate abruptly. Other core materials fall somewhere
in between. The following formula assumes continu-
ous mode of operation, but it errs only slightly on the
high side for discontinuous mode, so it can be used for
all conditions.
If L V
VV
V
PIN
OUT
IN
OUT
() ( )( )( )
()
()
2
2


Similar Part No. - LT1578CS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1578CS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com