Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR05M100BLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR05M100BLP
Description  0.5A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR05M100BLP Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR05M100BLP_15 Datasheet HTML 1Page - Diodes Incorporated SBR05M100BLP_15 Datasheet HTML 2Page - Diodes Incorporated SBR05M100BLP_15 Datasheet HTML 3Page - Diodes Incorporated SBR05M100BLP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR05M100BLP
Document number: DS31109 Rev. 8 - 2
1 of 4
www.diodes.com
June 2010
© Diodes Incorporated
SBR05M100BLP
SBR is a registered trademark of Diodes Incorporated.
0.5A SBR
® BRIDGE
SUPER BARRIER RECTIFIER
Features
Ultra Low Leakage Current
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Device (Note 4)
Mechanical Data
Case: DFN3030-4
Case Material: Molded Plastic “Green” Molding Compound,
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu Over Copper Lead Frame,
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.02 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectified Output Current
IO
500
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load (Per Diode)
IFSM
8
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Power Dissipation (Note 2)
PD
-
0.56
W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
-
222
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
-
149
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
V(BR)R
100
-
-
V
IR = 250 μA
Forward Voltage (Per Diode)
VF
-
0.54
0.67
0.56
0.60
0.73
0.63
V
IF = 0.25A, TJ = 25ºC
IF = 0.5A, TJ = 25ºC
IF = 0.5A, TJ = 125ºC
Reverse Current (Note 4) (Per Diode)
IR
-
0.3
32
25
250
µA
VR = 100V, TJ = 25ºC
VR = 100V, TJ = 125ºC
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. copper; minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
5. Short duration pulse test used to minimize self-heating effect.
Top View
Device Schematic
Top View
Pin Configuration
2
1
3
4
1
2
4
3
N/C
~
~
-
+


Similar Part No. - SBR05M100BLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR05M100BLP DIODES-SBR05M100BLP_16 Datasheet
280Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
More results

Similar Description - SBR05M100BLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR05M60BLP DIODES-SBR05M60BLP_15 Datasheet
94Kb / 4P
   0.5A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
SBR0560S1 DIODES-SBR0560S1_15 Datasheet
92Kb / 4P
   0.5A SBR짰 SUPER BARRIER RECTIFIER
SBR05U20LPS DIODES-SBR05U20LPS_15 Datasheet
321Kb / 5P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LPS DIODES-SBR05U20LPS Datasheet
97Kb / 3P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31357 Rev. 1 - 2
SBR05U20LP DIODES-SBR05U20LP_15 Datasheet
131Kb / 4P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U40CSP DIODES-SBR05U40CSP_15 Datasheet
371Kb / 4P
   0.5A SBR짰 SUPER BARRIER RECTIFER
SBR2A40BLP DIODES-SBR2A40BLP_15 Datasheet
249Kb / 5P
   2.0A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
SBR05M60BLP DIODES-SBR05M60BLP_16 Datasheet
260Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR05M100BLP DIODES-SBR05M100BLP_16 Datasheet
280Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com