Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2U30SA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR2U30SA
Description  2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2U30SA Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR2U30SA_15 Datasheet HTML 1Page - Diodes Incorporated SBR2U30SA_15 Datasheet HTML 2Page - Diodes Incorporated SBR2U30SA_15 Datasheet HTML 3Page - Diodes Incorporated SBR2U30SA_15 Datasheet HTML 4Page - Diodes Incorporated SBR2U30SA_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR2U30SA
Document number: DS30997 Rev. 8 - 2
4 of 5
www.diodes.com
November 2011
© Diodes Incorporated
SBR2U30SA
SBR is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Suggested Pad Layout
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
Dimensions
Value (in mm)
Z
6.5
G
1.5
X
1.7
Y
2.5
C
4.0
A
B
C
D
G
H
E
J


Similar Part No. - SBR2U30SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U30SA-13 DIODES-SBR2U30SA-13 Datasheet
102Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
November 2011
More results

Similar Description - SBR2U30SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A40P1 DIODES-SBR2A40P1_15 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A30P1 DIODES-SBR2A30P1_15 Datasheet
163Kb / 4P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR2M30P1 DIODES-SBR2M30P1_15 Datasheet
166Kb / 4P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR2U30P1 DIODES-SBR2U30P1_15 Datasheet
128Kb / 5P
   2.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰123
SBR2A40BLP DIODES-SBR2A40BLP_15 Datasheet
249Kb / 5P
   2.0A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
   2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA DIODES-SBR1U150SA_15 Datasheet
107Kb / 5P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com