Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1580I Datasheet(PDF) 9 Page - Linear Technology

Part # LT1580I
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580I Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1580I Datasheet HTML 5Page - Linear Technology LT1580I Datasheet HTML 6Page - Linear Technology LT1580I Datasheet HTML 7Page - Linear Technology LT1580I Datasheet HTML 8Page - Linear Technology LT1580I Datasheet HTML 9Page - Linear Technology LT1580I Datasheet HTML 10Page - Linear Technology LT1580I Datasheet HTML 11Page - Linear Technology LT1580I Datasheet HTML 12Page - Linear Technology LT1580I Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1580/LT1580-2.5
APPLICATIONS INFORMATION
load current changes. Output capacitance can increase
without limit and larger values of output capacitance
further improve the stability and transient response of the
LT1580.
Modern microprocessors generate large high frequency
current transients. The load current step contains higher
order frequency components that the output coupling
network must handle until the regulator throttles to the
load current level. Capacitors are not ideal elements and
contain parasitic resistance and inductance. These para-
sitic elements dominate the change in output voltage at the
beginning of a transient load step change. The ESR of the
output capacitors produces an instantaneous step in out-
put voltage (
∆V = ∆I)(ESR). The ESL of the output capaci-
tors produces a droop proportional to the rate of change
of the output current (V = L)(
∆I/∆t). The output capaci-
tance produces a change in output voltage proportional to
the time until the regulator can respond (
∆V = ∆t)(∆I/ C).
These transient effects are illustrated in Figure 4 .
ESR
EFFECTS
1580 F04
ESL
EFFECTS
CAPACITANCE
EFFECTS
POINT AT WHICH REGULATOR
TAKES CONTROL
SLOPE,
=
V
t
∆I
C
The use of capacitors with low ESR, low ESL and good
high frequency characteristics is critical in meeting the
output voltage tolerances of these high speed micropro-
cessors. These requirements dictate a combination of
high quality, surface mount, tantalum and ceramic capaci-
tors. The location of the decoupling network is critical to
transient performance. Place the decoupling network as
close to the processor pins as possible because trace runs
from the decoupling capacitors to the processor pins are
inductive. The ideal location for the decoupling network is
actually inside the microprocessor socket cavity. In addi-
tion, use large power and ground plane areas to minimize
distribution drops.
Output Voltage
The adjustable version of the LT1580 develops a 1.25V
reference voltage between the SENSE pin and the ADJ pin
(see Figure 5). Placing a resistor R1 between these two
terminals causes a constant current to flow through R1
and down through R2 to set the overall output voltage.
Normally R1 is chosen so that this current is the specified
minimum load current of 10mA. The current out of the ADJ
pin adds to the current from R1. The ADJ pin current is
small, typically 50
µA. The output voltage contribution of
the ADJ pin current is small and only needs to be consid-
ered when very precise output voltage setting is required.
Note that the top of the resistor divider should be con-
nected directly to the SENSE pin for best regulation. See
the section on grounding and Kelvin sensing above.
VOUT
SENSE
ADJ
R2
IADJ = 50µA
1580 F05
LT1580
VPOWER
VPOWER
VCONTROL
VREF
VCONTROL
R1
VOUT
VOUT = VREF 1 +
+ IADJ (R2)
R2
R1
( )
+
+
+
Figure 4
Figure 5. Setting Output Voltage
Protection Diodes
In normal operation the LT1580 does not require protec-
tion diodes. Older 3-terminal regulators require protection
diodes between the VOUT pin and the Input pin or between
the ADJ pin and the VOUT pin to prevent die overstress.
On the LT1580, internal resistors limit internal current
paths on the ADJ pin. Therefore even with bypass capaci-
tors on the ADJ pin, no protection diode is needed to
ensure device safety under short-circuit conditions. The
ADJ pin can be driven on a transient basis
±7V with
respect to the output without any device degradation.


Similar Part No. - LT1580I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1580 LINER-LT1580 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1580-2.5 LINER-LT1580-2.5 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com