Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1573CS8-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1573CS8-3.3
Description  Low Dropout PNP Regulator Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573CS8-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1573CS8-3.3 Datasheet HTML 7Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 8Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 9Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 10Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 11Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 12Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 13Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 14Page - Linear Technology LT1573CS8-3.3 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1573
capabilities of the PC board and its copper traces. Table
3 lists some typical values for the thermal resistance of
the LT1573. Measured values of thermal resistance for
a specific board size with different copper areas are
listed. All measurements were taken in still air on 3/32
"
FR-4 board with 2oz copper. It is possible to achieve
significantly lower values with thinner multilayer boards.
Compensation
In order to improve the transient response to regulator
output load variation, a capacitor in series with a resistor
can be inserted between the VOUT and COMP pins. For the
microprocessor power supply regulator system based on
the LT1573 and the PNP transistor D45H11 with 24 1
µF
surface mount ceramic capacitors in parallel with one
220
µF surface mount tantalum capacitor at the output as
shown in Figure 1, a 100pF capacitor in series with a 1k
resistor is recommended. In theory, the output capacitor
forms the dominant pole of the regulator system. An
internal compensation capacitor forms another pole. The
external compensation capacitor and resistor form a zero
which adds phase margin to the regulator system to
prevent high frequency oscillation. The LT1573 has an
internal pole at approximately 5kHz. An external compen-
sation zero between 10kHz and 100kHz is usually required
to stabilize the regulator. The zero frequency is primarily
determined by the compensation capacitor and can be
roughly calculated by the following equation:
f
kHz
pF
CpF
C
ZERO
COMP
COMP
=
() ()() ≤≤
40
30
10
100
,
A compensation resistor between 1k and 10k is sug-
gested. A compensation resistor of 5k works for most
cases. In some cases, a greater compensation resistor is
needed to stop oscillation above 1MHz. In some cases, the
output capacitor may have enough equivalent series resis-
tance (ESR) to generate the required zero and the external
compensation zero may not be needed.
Output Capacitor
The LT1573 is designed to be used with an external PNP
transistor with a high gain-bandwidth product fT to make
a regulator with a very fast transient response, which can
minimize the size of the output capacitor. For a regulator
made of an LT1573 and a D45H11, only one 10
µF surface
mount ceramic capacitor at the output is enough for the
regulator to handle the output load varying up to 5A in a
few hundred nanoseconds interval and to remain stable
with a 30pF capacitor in series with a 7.5k resistor between
the VOUT and COMP pins. If tighter voltage regulation is
Table 3. LT1573 Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
80
°C/W
1000mm2
2500mm2
2500mm2
80
°C/W
225mm2
2500mm2
2500mm2
85
°C/W
*Device is mounted on topside.
We can find out the maximum junction temperature of
the LT1573 during normal load operation after we
calculate the maximum power dissipation of the LT1573
from Eq (2). From the previous design example, the
maximum power dissipation of the LT1573 is 0.2W.
From Table 3, we know the thermal resistance from
junction-to-ambient is around 85
°C/W. The tempera-
ture difference between junction and ambient is:
(0.25W)(85
°C/W) = 21.25°C
If the maximum ambient temperature is specified at
50
°C, the maximum junction temperature will be:
TJMAX = 50°C + 21.25°C = 71.25°C
The maximum junction temperature must not exceed
the specified 125
°C for safe continuous regulator op-
eration.
Thermal Limiting
The thermal shutdown temperature of the LT1573 is
approximately 150
°C. The thermal limit of the LT1573 can
be used to protect both the LT1573 and the external PNP
pass transistor. This is accomplished by thermally cou-
pling the LT1573 to the PNP power transistor by locating
the LT1573 as close to the PNP transistor as possible. In
this case, the power dissipation of the power transistor
must be considered in the LT1573 maximum junction
temperature calculation.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1573CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1573 LINER-LT1573_15 Datasheet
184Kb / 16P
   Low Dropout PNP Regulator Driver
More results

Similar Description - LT1573CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1573K-DICE LINER-RH1573K-DICE_15 Datasheet
73Kb / 4P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K Datasheet
61Kb / 2P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573_15 Datasheet
184Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K_12 Datasheet
239Kb / 13P
   RH1573K LOW DROPOUT PNP REGULATOR DRIVER DICE
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_05 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_15 Datasheet
167Kb / 16P
   Low Dropout Regulator Driver
logo
Zetex Semiconductors
ZBD949 ZETEX-ZBD949 Datasheet
257Kb / 7P
   PNP LOW DROPOUT REGULATOR TRANSISTOR
logo
New Jersey Semi-Conduct...
MJE1123 NJSEMI-MJE1123 Datasheet
100Kb / 2P
   Bipolar Power PNP Low Dropout Regulator Transistor
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com