Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2A30P1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR2A30P1
Description  2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2A30P1 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR2A30P1_15 Datasheet HTML 1Page - Diodes Incorporated SBR2A30P1_15 Datasheet HTML 2Page - Diodes Incorporated SBR2A30P1_15 Datasheet HTML 3Page - Diodes Incorporated SBR2A30P1_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBR2A30P1
Document number: DS30920 Rev. 11 - 2
4 of 4
www.diodes.com
October 2008
© Diodes Incorporated
SBR2A30P1
SBR and PowerDI are registered trademarks of Diodes Incorporated.
Package Outline Dimensions
A
E
L
L1
B
C
E
L2
H
D
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
Suggested Pad Layout
X1
GX2
Y2
Y1
Dimensions
Value (in mm)
G
1.0
X1
2.2
X2
0.9
Y1
1.4
Y2
1.4
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - SBR2A30P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A30P1-7 DIODES-SBR2A30P1-7 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
More results

Similar Description - SBR2A30P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2M30P1 DIODES-SBR2M30P1_15 Datasheet
166Kb / 4P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR2U30P1 DIODES-SBR2U30P1_15 Datasheet
128Kb / 5P
   2.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2U30SA DIODES-SBR2U30SA_15 Datasheet
102Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A40P1 DIODES-SBR2A40P1_15 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
DFLS230L DIODES-DFLS230L_15 Datasheet
74Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS220L DIODES-DFLS220L_15 Datasheet
75Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS240 DIODES-DFLS240_15 Datasheet
80Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com