Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1U150SAQ-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR1U150SAQ-13
Description  1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U150SAQ-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR1U150SAQ-13 Datasheet HTML 1Page - Diodes Incorporated SBR1U150SAQ-13 Datasheet HTML 2Page - Diodes Incorporated SBR1U150SAQ-13 Datasheet HTML 3Page - Diodes Incorporated SBR1U150SAQ-13 Datasheet HTML 4Page - Diodes Incorporated SBR1U150SAQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR1U150SA
Document number: DS31341 Rev. 7 - 2
1 of 5
www.diodes.com
September 2012
© Diodes Incorporated
SBR1U150SA
1.0A SBR
®
SURFACE MOUNT SUPER BARRIER RECTIFIER
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Capability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SMA
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Lead Free Plating (Matte Tin Finish.)
Solderable per MIL-STD-202, Method 208
Polarity Indicator: Cathode Band
Weight: 0.064 grams (approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
SBR1U150SA-13
SMA
5000/Tape & Reel
SBR1U150SAQ-13
SMA
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
SMA
 
Green
S D B, S V B = Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last digit of year (ex: 7 for 2007)
WW = Week code (01 to 53)
AB = Foundry and Assembly Code
YWW
S x x
AB


Similar Part No. - SBR1U150SAQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U150SAQ-13 DIODES-SBR1U150SAQ-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SAQ-13 DIODES-SBR1U150SAQ-13 Datasheet
420Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1U150SAQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR140LP DIODES-SBR140LP_15 Datasheet
264Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_15 Datasheet
84Kb / 5P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_1 Datasheet
108Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
SBR2U30SA DIODES-SBR2U30SA_15 Datasheet
102Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com