Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1534IS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1534IS
Description  Ultralow Noise 2A Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534IS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1534IS Datasheet HTML 5Page - Linear Technology LT1534IS Datasheet HTML 6Page - Linear Technology LT1534IS Datasheet HTML 7Page - Linear Technology LT1534IS Datasheet HTML 8Page - Linear Technology LT1534IS Datasheet HTML 9Page - Linear Technology LT1534IS Datasheet HTML 10Page - Linear Technology LT1534IS Datasheet HTML 11Page - Linear Technology LT1534IS Datasheet HTML 12Page - Linear Technology LT1534IS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1534/LT1534-1
APPLICATIONS INFORMATION
If the FB pin is below 0.4V the oscillator discharge time will
increase, causing the oscillation frequency to decrease by
approximately 6:1. This feature helps minimize power
dissipation during start-up and short-circuit conditions.
Oscillator frequency is important for noise reduction in
two ways: 1) the lower the oscillator frequency the lower
the harmonics of waveforms are, making it easier to filter
them, 2) the oscillator will control the placement of output
frequency harmonics which can aid in specific problems
where you might be trying to avoid a certain frequency
bandwidth that is used for detection elsewhere.
Oscillator Sync
If a more precise frequency is desired (e.g., to accurately
place harmonics) the oscillator can be synchronized to an
external clock. Set the RC timing components for an
oscillator frequency 10% lower than the desired sync
frequency.
Drive the SYNC pin with a square wave (with greater than
1.4V amplitude). The rising edge of the sync square wave
will initiate clock discharge. The sync pulse should have a
minimum of 0.5
µs pulse width.
Be careful in synchronizing to frequencies much different
from the part since the internal oscillator charge slope
determines slope compensation. It would be possible to
get into subharmonic oscillation if the sync doesn’t allow
for the charge cycle of the capacitor to initiate slope
compensation. In general, this will not be a problem until
the sync frequency is greater than 1.5times the oscillator
free-run frequency.
Slew Rate Setting
Setting the voltage and current slew rates is easy. External
resistors to ground on the RVSL and RCSL pins determine
the slew rates. Determining what slew rate to use is more
difficult. There are several ways to approach the problem.
First start by putting a 50k resistor pot with a 3.9k series
resistance on each pin. In general, the next step will be to
monitor the noise that you are concerned with. Be careful
in measurement technique (consult AN70). Keep probe
ground leads very short.
Usually it will be desirable to keep the voltage and current
slew resistors approximately the same. There are circum-
stances where a better optimization can be found by
adjusting each separately, but as these values are sepa-
rated further, a loss of independence of control will occur.
Starting from the lowest resistor setting adjust the pots
until the noise level meets your guidelines. Note that
slower slewing waveforms will dissipate more power so
that efficiency will drop. You can also monitor this as you
make your slew adjustment.
It is possible to use a single slew setting resistor. In this
case the RVSL and RCSL pins are tied together. A resistor
with a value of 2k to 34k (one half the individual resistors)
can then be tied from these pins to ground.
Emitter Inductance
A small inductance in the power ground minimizes a
potential dip in the output current falling edge that can
occur under fast slewing, 25nH is usually sufficient. Greater
than 50nH may produce unwanted oscillations in the
voltage output. The inductance can be created by wire or
board trace with the equivalent of one inch of straight
length. A spiral board trace will require less length.
Positive Output Voltage Setting
Sensing of a positive output voltage is usually done using
a resistor divider from the output to the FB pin. The
positive input to the error amp is connected internally to a
1.25V bandgap reference. The FB pin will regulate to this
voltage.
Referring to Figure 2, R1 is determined by:
RR
VOUT
12
125
1
=−


.
The FB bias current represents a small error and can
usually be ignored for values of R1
||R2 up to 10k.
Figure 2
FB PIN
1534 F01
VOUT
R2
R1


Similar Part No. - LT1534IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534-1 LINER-LT1534-1 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
More results

Similar Description - LT1534IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533 LINER-LT1533_15 Datasheet
328Kb / 20P
   Ultralow Noise 1A Switching Regulator
logo
Gamma Microelectronics ...
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
   2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Texas Instruments
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com