Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1294A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1294A
Description  SAW Filter 915MHz SMD 1.4X1.1 mm (BW=26MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1294A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1294A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1294A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915MHz SMD 1.4X1.1 mm (BW=26MHz)
MODEL NO.:TA1294A
REV. NO.:2.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance
:
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
915
-
-
Insertion Loss (902~928 MHz)
IL
dB
-
2.5
3.1
-
Amplitude ripple (902~928 MHz)
dB
-
0.4
1.5
-
Return Loss (902~928 MHz)
dB
9
10
-
-
Group Delay Deviation (902~928 MHz)
ns
-
15
50
-
Attenuation
0.1~702
MHz
dB
50
53
-
-
738~764
MHz
dB
49
53
-
-
820~846
MHz
dB
42
48
-
-
990~1010
MHz
dB
42
50
-
-
1072~1092
MHz
dB
49
53
-
-
1128~1804
MHz
dB
40
42
-
-
1804~1856
MHz
dB
40
42
-
-
1856~3000
MHz
dB
30
36
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1294A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1294A TAI-SAW-TA1294A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1294A GOLLEDGE-TA1294A Datasheet
106Kb / 6P
   SAW Filter 915.0MHz
More results

Similar Description - TA1294A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1610A TAI-SAW-TA1610A Datasheet
177Kb / 8P
   SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA1423C TAI-SAW-TA1423C Datasheet
333Kb / 8P
   SAW Filter 915 MHz SMD 1.4X1.1 mm (BW=26MHz)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com