Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1243A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1243A
Description  SAW Filter 763 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1243A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1243A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1243A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D. OUTLINE DRAWING:
E. PCB Footprint:
2 : Input
6 : Output
1,3,4,5,7,8 : Ground
Unit : mm


Similar Part No. - TA1243A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1243A GOLLEDGE-TA1243A Datasheet
124Kb / 5P
   SAW Filter: 763.0MHz
More results

Similar Description - TA1243A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1130A TAI-SAW-TA1130A Datasheet
425Kb / 8P
   SAW Filter 763 MHz
TA1130B TAI-SAW-TA1130B Datasheet
357Kb / 7P
   SAW Filter 763 MHz
TA2509A TAI-SAW-TA2509A Datasheet
964Kb / 10P
   SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
TA2509B TAI-SAW-TA2509B Datasheet
964Kb / 10P
   SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
logo
Transko Electronics, In...
TD763AP2 TRANSKO-TD763AP2 Datasheet
380Kb / 5P
   LTE, SAW DUPLEXER For 763 MHz / 793 MHz
Revision 0: July 2010
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com