Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S85100MG Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # S85100MG
Description  multi mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

S85100MG Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  S85100MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH S85100MG Datasheet HTML 2Page - Roithner LaserTechnik GmbH S85100MG Datasheet HTML 3Page - Roithner LaserTechnik GmbH S85100MG Datasheet HTML 4Page - Roithner LaserTechnik GmbH S85100MG Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.roithner-laser.com
1
S85100MG
Description
S85100MG
is an infrared laser diode emitting at typically 850 nm with rated output power of 100
mW cw, in a standard 5.6 mm TO package with integrated monitor photodiode and flat window
cap.
Maximum Ratings (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Output power
Po
100
mW
LD Reverse Voltage
VR
2
V
PD Reverse Voltage
VRPD
30
V
Operating Temperature
TCASE
- 10
+ 50
°C
Storage Temperature
TSTG
- 40
+ 85
°C
Laser Characteristics (T
CASE = 25°C, Po=100mW)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Emission Wavelength
λpeak
840
850
860
nm
Threshold Current
Ith
18
25
mA
Operating Current
IF
127
150
mA
Operating Voltage
VF
2.4
2.8
V
Beam Divergence
(FWHM)
Parallel
ӨII
10
15
deg
Perpendicular
Ө
18
23
deg.
Slope Efficiency (75mW – 25mW)
η
0.9
mW/mA
PD Monitor Current
Im
0.1
0.25
1.0
mA
rev.1.0 17.03.2015


Similar Part No. - S85100MG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8517-P ETC2-S8517-P Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
S8517-P ETC2-S8517-P Datasheet
392Kb / 9P
   DESOLDERING BRAID
More results

Similar Description - S85100MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VC850M-H-TO46FW-PD ROITHNER-VC850M-H-TO46FW-PD Datasheet
458Kb / 3P
   multi mode
VC850M-SMD ROITHNER-VC850M-SMD Datasheet
436Kb / 2P
   multi mode
VC980M-TO46FW ROITHNER-VC980M-TO46FW Datasheet
868Kb / 3P
   multi mode
S85300MG ROITHNER-S85300MG Datasheet
597Kb / 5P
   multi mode
S85500MG ROITHNER-S85500MG Datasheet
599Kb / 5P
   multi mode
VC850M-MODULE ROITHNER-VC850M-MODULE Datasheet
511Kb / 3P
   multi mode
VC850M-H-TO46FW ROITHNER-VC850M-H-TO46FW Datasheet
464Kb / 2P
   multi mode
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
   multi mode
VC850M-H-TO46GL ROITHNER-VC850M-H-TO46GL Datasheet
834Kb / 3P
   multi mode
VC850M-TO46GL ROITHNER-VC850M-TO46GL Datasheet
503Kb / 2P
   multi mode
S808500MG ROITHNER-S808500MG Datasheet
525Kb / 5P
   multi mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com