Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLTG065AU Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTG065AU
Description  Uncooled MQW Laser Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTG065AU Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTG065AU Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09.08.2010
rltg065au.doc
1 of 1
650nm Laser Modul
RLTG065AU
Feature
* Uncooled MQW Laser Module
* Coaxial Package with Multi/ Single Mode Fiber Output
Specifications (25°C)
Parameter
Symbol
MIN.
TYP.
MAX.
uNit
Central Wavelength
µ
640
650
660
nm
Output Power from Fiber
Po
1
-
3
mW
Threshold Current
Ith
-
10
20
mA
Operating Current
Io
-
20
35
mA
Monitor Current
Im
-
-
350
µA
Differential Efficiency
¦ÇD
-
-
200
¦ÌW/mA
Operation Temperature
To
-10
-
65
°C
Storage Temperature
Tstg
-40
-
70
°C
Bottom view
Internal Configuration


Similar Part No. - RLTG065AU

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
RLTG065AU ROCHESTER-RLTG065AU Datasheet
49Kb / 1P
   650nm Laser Modul RLTG065AU
More results

Similar Description - RLTG065AU

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
   1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
   1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
   1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com