Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF10150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRF10150
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF10150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRF10150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF10150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRF10150 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRF10150 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: D1308024
Version: J13
SRF1020 thru SRF10150
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
ITO-220AB
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SRF
1020
SRF
1030
SRF
1040
SRF
1050
SRF
1060
SRF
1090
SRF
10100
SRF
10150
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum DC blocking voltage
Maximum average forward rectified current
10
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=100 ℃
TJ=125℃
IR
5
V
Maximum Instantaneous Forward Voltage (Note 1)
IF= 5 A
VF
- 55 to +150
3.5
4
- 55 to +125
- 55 to +150
mA
15
10
-
-
Note 1: Pulse test with PW=300μs, 1% duty cycle
0.55
0.70
0.90
1.00
0.5
0.1
Typical thermal resistance
Operating junction temperature range
Storage temperature range


Similar Part No. - SRF10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF10150 TSC-SRF10150 Datasheet
201Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF10150 DGNJDZ-SRF10150 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SRF10150 MIC-SRF10150 Datasheet
45Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF10150 DGNJDZ-SRF10150 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SRF10150 JINANJINGHENG-SRF10150 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF10150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com