Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64003-7200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64003-7200
Description  Hand Crimp Tool
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64003-7200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64003-7200 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
64003-7200
Status:
Active
Description:
Hand Crimp Tool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T0102
Comments
Type RHT
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
822350819053
Material Info
Old Part Number
RHT-4754
Reference - Drawing Numbers
Application Tooling Documents
ATS-640037200, TM-640160065, TM-640160065CN,
TM-640160065DE, TM-640160065FR,
TM-640160065IT, TM-640160065JP,
TM-640160065KR, TM-640160065MY,
TM-640160065PL, TM-640160065RU,
TM-640160065SK, TM-640160065SP,
TM-640160065TH, TM-640160065TW,
TM-640160065VN
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T0102Series
Use With
Loose Piece Terminals
This document was generated on 04/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 64003-7200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64003-7100 MOLEX11-64003-7100 Datasheet
28Kb / 1P
   Hand Crimp Tool
64003-7300 MOLEX11-64003-7300 Datasheet
29Kb / 1P
   Right Hand Crimp Tool for Female Non-Insulated Standard Quick Disconnects, 12-16 AWG Wire
64003-7670 MOLEX-64003-7670 Datasheet
344Kb / 3P
   Hand Crimp Tool for 8 AWG Un-insulated Ring Terminals
03-24-16
64003-7770 MOLEX-64003-7770 Datasheet
208Kb / 3P
   Hand Crimp Tool for 6 AWG Un-insulated Ring Terminals
03-24-16
64003-7870 MOLEX-64003-7870 Datasheet
181Kb / 3P
   Tooling Kit for 4 AWG Un-Insulated Ring Terminals
09-03-15
More results

Similar Description - 64003-7200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
   Hand Crimp Tool
64003-3600 MOLEX11-64003-3600 Datasheet
28Kb / 1P
   Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
   Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
   Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
   Hand Crimp Tool
64003-0400 MOLEX11-64003-0400 Datasheet
45Kb / 1P
   Hand Crimp Tool
0638258300 MOLEX11-0638258300 Datasheet
30Kb / 1P
   Hand Crimp Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com