Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1507IS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1507IS8
Description  500kHz Monolithic Buck Mode Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507IS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1507IS8 Datasheet HTML 1Page - Linear Technology LT1507IS8 Datasheet HTML 2Page - Linear Technology LT1507IS8 Datasheet HTML 3Page - Linear Technology LT1507IS8 Datasheet HTML 4Page - Linear Technology LT1507IS8 Datasheet HTML 5Page - Linear Technology LT1507IS8 Datasheet HTML 6Page - Linear Technology LT1507IS8 Datasheet HTML 7Page - Linear Technology LT1507IS8 Datasheet HTML 8Page - Linear Technology LT1507IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1507
Shutdown Pin Bias Current
JUNCTION TEMPERATURE (
°C)
–50
2.40
2.36
2.32
0.8
0.4
0
25
75
LT1507 • TPC05
–25
0
50
100
125
STANDBY
STARTUP
SHUTDOWN
Standby and Shutdown Thresholds
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
0
5
10
15
20
25
30
369
12
LT1507 • TPC06
15
VSHDN = 0V
Shutdown Supply Current
Shutdown Supply Current
Error Amplifier Transconductance
TEMPERATURE (
°C)
–50
500
400
300
200
8
4
0
25
75
L11507 • TPC04
–25
0
50
100
125
CURRENT REQUIRED TO FORCE SHUTDOWN
(FLOWS OUT OF PIN). AFTER SHUTDOWN,
CURRENT DROPS TO A FEW
µA
AT 2.38V STANDBY THRESHOLD
(CURRENT FLOWS OUT OF PIN)
JUNCTION TEMPERATURE (
°C)
–50
2500
2000
1500
1000
500
0
0
50
75
LT1507 • TPC08
–25
25
100
125
SHUTDOWN VOLTAGE (V)
0
150
125
100
75
50
25
0
0.1
0.2
0.3
0.4
LT1507 • TPC07
0.5
VIN = 10V
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
LT1507 • TPC09
1k
1M
GAIN
PHASE
ROUT
200k
COUT
12pF
VC
VFB × 2e
–3
ERROR AMPLIFIER EQUIVALENT CIRCUIT
RLOAD = 50Ω
Error Amplifier Transconductance
Minimum Input Voltage
with 3.3V Output
Switching Frequency
FEEDBACK PIN VOLTAGE (V)
0
500
400
300
200
100
0
2.0
LT1507 • TPC10
0.5
1.0
1.5
2.5
SWITCHING
FREQUENCY
FEEDBACK PIN
CURRENT
Frequency Foldback
JUNCTION TEMPERATURE (
°C)
–50
600
550
500
450
400
100
LT1507 • TPC11
–25
0
25
50
75
125
LOAD CURRENT (mA)
1
5.0
5.5
6.0
6.5
10
100
1000
LT1507 • TPC12
4.5
4.0
3.5
3.0
MINIMUM VOLTAGE
TO START WITH
STANDARD CIRCUIT
MINIMUM VOLTAGE
TO RUN WITH
STANDARD CIRCUIT
MINIMUM INPUT VOLTAGE CAN BE REDUCED
BY ADDING A SMALL EXTERNAL PNP. SEE
APPLICATIONS INFORMATION


Similar Part No. - LT1507IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1507 LINER-LT1507 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Diodes Incorporated
LT1507G DIODES-LT1507G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
More results

Similar Description - LT1507IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1371 LINER-LT1371 Datasheet
320Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com